Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963D-EHT Datasheet(PDF) 18 Page - STMicroelectronics

Part # L5963D-EHT
Description  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963D-EHT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L5963D-EHT Datasheet HTML 14Page - STMicroelectronics L5963D-EHT Datasheet HTML 15Page - STMicroelectronics L5963D-EHT Datasheet HTML 16Page - STMicroelectronics L5963D-EHT Datasheet HTML 17Page - STMicroelectronics L5963D-EHT Datasheet HTML 18Page - STMicroelectronics L5963D-EHT Datasheet HTML 19Page - STMicroelectronics L5963D-EHT Datasheet HTML 20Page - STMicroelectronics L5963D-EHT Datasheet HTML 21Page - STMicroelectronics L5963D-EHT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
Functional Description
L5963
18/45
DocID028553 Rev 1
Figure 8. Low voltage warning monitor & delay schematic
6.2.3
Power-good reset (related pins: LDOOK, LDOOKDLY)
LDOOK monitors the regulator output VOUTLDO. Its circuit topology is the same as the
voltage detector one (Figure 8). Its threshold is fixed to 95% typ of the feedback voltage,
and the hysteresis is always ~2% typ. Pin LDOOK is an open drain output, and pin
LDOOKDLY is used to adjust the delay in the release of LDOOK output.
6.2.4
Power-good function of DC/DC1 (related pins: SW1OK, SW1OKDLY)
SW1OK monitors DC/DC1 output. Its circuit topology is the same as the voltage detector
one (Figure 8). Its threshold can't be adjusted, it is always 95% typ of the feedback voltage,
and the hysteresis is ~35mV typ. Pin SW1OK is an open drain output, and pin SW1OKDLY
is used to adjust its delay.
6.2.5
Over voltage shutdown
Two internal over voltage shutdown (OV) blocks are included in L5963. One (OV1) senses
VBAT pin, the other (OV2) detects VINLDO pin.
If VBAT gets too high, to prevent any damage, DC/DC1, DC/DC2 and the high-side driver
are disabled by OV1. They will be turned on once VBAT returns below the detection
threshold with the specified hysteresis.
If linear regulator works as a non-standby regulator and VINLDO gets too high, to prevent
any damage the LDO is disabled by OV2. It is turned on once VINLDO returns below the
detection threshold with the specified hysteresis.
On the contrary, the linear regulator works as a standby regulator, OV2 doesn't intervene
and the regulator continues to work even if VINLDO increases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com