Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963D-EHT Datasheet(PDF) 27 Page - STMicroelectronics

Part # L5963D-EHT
Description  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963D-EHT Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L5963D-EHT Datasheet HTML 23Page - STMicroelectronics L5963D-EHT Datasheet HTML 24Page - STMicroelectronics L5963D-EHT Datasheet HTML 25Page - STMicroelectronics L5963D-EHT Datasheet HTML 26Page - STMicroelectronics L5963D-EHT Datasheet HTML 27Page - STMicroelectronics L5963D-EHT Datasheet HTML 28Page - STMicroelectronics L5963D-EHT Datasheet HTML 29Page - STMicroelectronics L5963D-EHT Datasheet HTML 30Page - STMicroelectronics L5963D-EHT Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
DocID028553 Rev 1
27/45
L5963
Application information
44
7
Application information
7.1
Output inductor (Lo)
The value of the output inductor (Lo) is usually calculated to satisfy the peak-to-peak ripple
current requirement. For the best compromise of cost, size and performance, it is suggested
to keep the inductor current ripple between 20% and 40% of the maximum current.
For example, if
IL = IRipple = 0.3 x IOUT(max).
Where, IOUT(max) is the maximum output current.
Then, the inductor value can be estimated by the following equation:
Equation 2
Where, fSW is the switching frequency, VIN(max) is the maximum input voltage.
If VOUT = 3.3 V, VIN(max) = 26 V, fSW = 250 kHz, IL = 0.3 x 3 A = 0.9 A
Equation 3
The next higher available value should be used, so L = 15 μH.
The peak current flowing in Inductor is IL(peak) = IOUT(max) + IL / 2.
If the Inductor value decreases, the peak current increases. The peak current has to be
lower than the current limit of the device.
An inductor having saturation current higher than the device current limit has to be chosen.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com