Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963D-EHT Datasheet(PDF) 24 Page - STMicroelectronics

Part # L5963D-EHT
Description  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963D-EHT Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L5963D-EHT Datasheet HTML 20Page - STMicroelectronics L5963D-EHT Datasheet HTML 21Page - STMicroelectronics L5963D-EHT Datasheet HTML 22Page - STMicroelectronics L5963D-EHT Datasheet HTML 23Page - STMicroelectronics L5963D-EHT Datasheet HTML 24Page - STMicroelectronics L5963D-EHT Datasheet HTML 25Page - STMicroelectronics L5963D-EHT Datasheet HTML 26Page - STMicroelectronics L5963D-EHT Datasheet HTML 27Page - STMicroelectronics L5963D-EHT Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 45 page
background image
Functional Description
L5963
24/45
DocID028553 Rev 1
Both switching regulators can operate up to a 100% duty cycle. Once every four switching
periods, the PWM output is forced low for 100ns typ to refresh the bootstrap capacitor.
Their features include:
Wide input voltage range (from 3.5 V to 26 V)
Min output of 1 V
250 kHz free-run frequency and synchronization range from 250 kHz to 2 MHz. The
voltage feed forward is implemented in all frequency range
Internal 85 mΩ high-side and 105 mΩ low-side switching MOSFET
Up to 3 A load current capability
Power ok (SW1OK) output
Internal soft start function to minimize startup inrush current
Pulse-by-pulse current limiting (OCP)
Discontinuous mode detection (DMC)
Over temperature protection (OTP)
UVLO with stop threshold at 2.8 V (typ)
Load dump protection
Externally adjustable compensation
Stable with ceramic output capacitors
Oscillator/switching frequency
The internal oscillator provides a constant frequency clock of 250 kHz. The switching
frequency of DC/DC1 and DC/DC2 are determined by the internal frequency clock and the
external synchronization clock.
When no clock is applied to the SYNCIN pin or the synchronization clock is lower than
125 kHz (half of the internal clock), the two switching regulators work both with the internal
250 kHz clock. When the SYNCIN pin has a synchronization clock larger than 125 kHz, the
external synchronization clock is adopted.
There is a phase shift of 180° between PWM1 and PWM2, and the frequency of PWM2 can
be the same, 1/2, 1/4, 1/8 of PWM1 one. The division factor is programmed by FRDIV pin.
The switching clock of DC/DC1 can be sent out by pin SYNCOUT to synchronize another
device, in view of reducing EM disturbance.
Internal high-side and low-side Power MOSFET / Bootstrap structure
The two synchronous switching regulators don't need the external Schottky diode. Each of
them integrates a high-side and a low-side n-channel Power MOSFET, which allows a very
low drop voltage under high load current operation (up to 3 A).
The Bootstrap structure is used to drive the high-side n-channel Power MOSFET. A
Bootstrap capacitor of about 47 nF is needed.
Internal soft start function (SS)
To reduce the inrush current during startup, an internal soft start is implemented. The total
soft start time is about 400 μs and it doesn't change with operating frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com