Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5963D-EHT Datasheet(PDF) 25 Page - STMicroelectronics

Part # L5963D-EHT
Description  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963D-EHT Datasheet(HTML) 25 Page - STMicroelectronics

Back Button L5963D-EHT Datasheet HTML 21Page - STMicroelectronics L5963D-EHT Datasheet HTML 22Page - STMicroelectronics L5963D-EHT Datasheet HTML 23Page - STMicroelectronics L5963D-EHT Datasheet HTML 24Page - STMicroelectronics L5963D-EHT Datasheet HTML 25Page - STMicroelectronics L5963D-EHT Datasheet HTML 26Page - STMicroelectronics L5963D-EHT Datasheet HTML 27Page - STMicroelectronics L5963D-EHT Datasheet HTML 28Page - STMicroelectronics L5963D-EHT Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
DocID028553 Rev 1
25/45
L5963
Functional Description
44
Pulse-by-pulse current limiting (OCP)
The current in the upper MOSFET is monitored and if it exceeds the pulse-by-pulse over-
current threshold (ILIM) then the upper MOSFET is turned off. Normal PWM operation
resumes on the next oscillator clock pulse. DC/DCs’ embed leading edge blanking to
prevent falsely triggering the pulse-by-pulse current limit when the upper MOSFET is turned
on. The blanking time is about 100 ns, so the minimum switching on time should be bigger
than 100 ns:
Equation 1
From the above equation, when the input and output voltage are already known, the
switching frequency should be within the range of the above equation, otherwise the OCP
function is not guaranteed. Pulse-by-pulse current limiting is always active. The threshold of
OCP is about 3.7 A.
Low-Side Over Current Protection (LS OCP)
LS OCP protects DC/DCs by limiting inductor current, when either the load is too high at
high frequency or when the output of the converter is shorted to ground.
The current in the low-side MOSFET is monitored and, if it exceeds the pulse-by-pulse
overcurrent threshold (ILIM), it prevents the turning on of the high-side MOSFET in the
successive switching period.
In high frequency and high load conditions, the inductor current cannot decrease even if HS
OCP is triggered due to the blanking time, which results in the inductor current getting
higher and higher every switching period. If inductor current reaches LS OCP threshold, that
is set to a level higher than HS OCP one, PWM switching is stopped, waiting for the inductor
current to decrease to a lower value. PWM switching will recover as soon as LS OCP is
released.
If high load and high frequency conditions remain, for instance in case of a short circuit
being present on the regulator output, another LS OCP will occur. Upon removal of the short
circuit PWM switching will immediately recover, bringing the regulator back to normal
operation.
Discontinuous Mode Detection (DMD)
In order to save quiescent current when switching regulators are working in light load
condition, L5963 embeds a Discontinuous Mode Detection (DMD) circuit: DMD prevents
inductor current to continuously flow to ground during Toff by turning off LS MOSFET and
leaving PWM in tristate.
Over temperature protection (OTP)
Each DC/DC has its own OTP, which detects the local temperature and shuts down the
regulator when temperature reaches the specified threshold.
Dump protection
If the voltage on VBAT supply exceeds the over-voltage shut-down threshold, DC/DCs are
disabled. Once VBAT returns to working conditions, the output recovers to the normal state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com