Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED1642GW Datasheet(PDF) 12 Page - STMicroelectronics

Part # LED1642GW
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GW Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LED1642GW Datasheet HTML 8Page - STMicroelectronics LED1642GW Datasheet HTML 9Page - STMicroelectronics LED1642GW Datasheet HTML 10Page - STMicroelectronics LED1642GW Datasheet HTML 11Page - STMicroelectronics LED1642GW Datasheet HTML 12Page - STMicroelectronics LED1642GW Datasheet HTML 13Page - STMicroelectronics LED1642GW Datasheet HTML 14Page - STMicroelectronics LED1642GW Datasheet HTML 15Page - STMicroelectronics LED1642GW Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
Switching characteristics
LED1642GW
12/42
DocID024395 Rev 6
5
Switching characteristics
VDD = 3.3 V, Tj = 25 °C, unless otherwise specified.
Table 5. Switching characteristics(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fclk
Clock frequency
Cascade operation
-
-
30
MHz
fpwclk
PWclock frequency
-
-
30
tr(SDO)
SDO rise time
REXT= 11 kΩ; IOUT = 20 mA
VOUT = 0.8 V
VIH = VDD; VIL = GND
RL = 3.3 K
Ω; CL = 10 pF
CFG-0…CFG-5 = “011010”
CFG-6 = “1”
-5
-
ns
tf(SDO)
SDO fall time
-
5
-
tPLHLE
LE - OUTn(2)
Propagation delay
time
(“L to “H”)
REXT = 11 kΩ; IOUT = 20 mA
VOUT = 0.8 V
VIH = VDD; VIL = GND
RL = 50 Ω; CL = 10 pF
CFG-0…CFG-5 = “011010”
CFG-6 = “1”
-200
-
tPLH
CLK - SDO
CFG-13 = ‘0’
815
25
tPHLLE
LE - OUTn(2)
Propagation delay
time
(“H” to “L”)
-100
-
tPHL
CLK - SDO
CFG-13 = ‘0’
815
25
tw(CLK)
CLK
Pulse width
20
-
-
tW(PWCLK)
PWCLK
20
-
-
tw(L)
LE
20
-
-
tgr-d
Gradual delay ch-to-ch
10
tsu(L)
Setup time for LE
5
-
-
th(L)
Hold time for LE
5
-
-
tsu(D)
Setup time for SDI
5
-
-
th(D)
Hold time for SDI
10
-
-
tclkr(3)
Maximum CLK rise time
-
-
5
µs
tclkf(3)
Maximum CLK fall time
-
-
5
Iout-ov
Output current turn-on overshoot
VOUT = 0.6 to 3 V
CL = 10 pF; IOUT = 3 to 36 mA
--
10
%
tn-err
Normal error detection
minimum output ON time
--
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com