Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED1642GW Datasheet(PDF) 30 Page - STMicroelectronics

Part # LED1642GW
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GW Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LED1642GW Datasheet HTML 26Page - STMicroelectronics LED1642GW Datasheet HTML 27Page - STMicroelectronics LED1642GW Datasheet HTML 28Page - STMicroelectronics LED1642GW Datasheet HTML 29Page - STMicroelectronics LED1642GW Datasheet HTML 30Page - STMicroelectronics LED1642GW Datasheet HTML 31Page - STMicroelectronics LED1642GW Datasheet HTML 32Page - STMicroelectronics LED1642GW Datasheet HTML 33Page - STMicroelectronics LED1642GW Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Dropout voltage
LED1642GW
30/42
DocID024395 Rev 6
10
Dropout voltage
In order to correctly regulate the channel current, a minimum output voltage (VDROP) across
each current generator must be guaranteed.
The Figure 26 and Table 12 show the minimum VDROP related to the regulated current;
these measurements have been recorded with just one output ON. When more than one
output is active the drop voltage increases. At 36 mA per channel, the minimum output
voltage must be increased about 200 mV.
A VDROP, lower than the minimum recommended, implies the regulation of a current lower
than the expected one. However an excess of VDROP increases the power dissipation.
Figure 26. Typical channel dropout voltage vs. output current (VDD = 3.3 V)
Table 12. Minimum dropout voltage for some current values
Output current [mA]
Minimum VDROP @ VDD = 3.3 V [mV]
370
9180
12
250
20
410
36
730
40
820
45
955
50
1070
AM13707V1
0
200
400
600
800
1000
1200
0
5
10
15
20
25
30
35
40
45
50
55
IOUT [mA]
Drop vs. IOUT @ VDD = 3.3 V, T= 25°C
(only one channel ON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com