Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED1642GW Datasheet(PDF) 27 Page - STMicroelectronics

Part # LED1642GW
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GW Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LED1642GW Datasheet HTML 23Page - STMicroelectronics LED1642GW Datasheet HTML 24Page - STMicroelectronics LED1642GW Datasheet HTML 25Page - STMicroelectronics LED1642GW Datasheet HTML 26Page - STMicroelectronics LED1642GW Datasheet HTML 27Page - STMicroelectronics LED1642GW Datasheet HTML 28Page - STMicroelectronics LED1642GW Datasheet HTML 29Page - STMicroelectronics LED1642GW Datasheet HTML 30Page - STMicroelectronics LED1642GW Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
DocID024395 Rev 6
27/42
LED1642GW
Configuration register
42
Figure 22. Gradual output delay
8.8
PWM counter setting and brightness register (CFG-15)
The brightness of each channel can be adjusted through a 12/16-bit PWM grayscale
brightness control according to the PWM counter selection (configuration register CFG -15
bit). Brightness data is loaded by the SDI pin in a 16-bit shift register. Once 16-bit has been
loaded (first input bit of brightness word is MSB, 16th bit is LSB), the digital word is moved to
the corresponding temporary buffer (first word is the brightness of channel 15, the last one
is for channel 0) using the appropriate key shown in Table 7 ("data latch"). One "data latch"
key must follow each 16-bit brightness word except the last one. When the last brightness
word is loaded (channel 0 brightness data), the key indicated as "global latch" in Table 7
must be used. This action moves the word from the shift register to the temporary buffer
through the OUT0 and, at the same time, transfers all data of the 16 temporary buffers (16
x16-bit string) to the corresponding brightness registers (see also Figure 28).
The PWM signals are generated by comparing the content of the brightness registers to a
16-bit or 12-bit counter, according to the CFG-15 bit status. The counter's clock source is
provided to the PWCLK pin. In case of selection of 12-bit PWM counter, the four most
significant bits of each brightness data word are ignored. However, each of sixteen
brightness data words must be 16-bit long.The brightness register default value is "0",
unless this value is changed, the LED brightness is minimum. Figure 27 shows this function
in the schematic.
PWCLK must be a square wave signal, duty cycle is not important but the minimum width
has to be above 20 ns, max. frequency has to be 30 MHz (pay attention the minimum output
ON time). Just after the device startup (brightness counter reset), before applying PWCLK
signal, all channels are in power-on condition if the brightness register values are not
zeroed.
AM13703V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com