Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED1642GW Datasheet(PDF) 22 Page - STMicroelectronics

Part # LED1642GW
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GW Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LED1642GW Datasheet HTML 18Page - STMicroelectronics LED1642GW Datasheet HTML 19Page - STMicroelectronics LED1642GW Datasheet HTML 20Page - STMicroelectronics LED1642GW Datasheet HTML 21Page - STMicroelectronics LED1642GW Datasheet HTML 22Page - STMicroelectronics LED1642GW Datasheet HTML 23Page - STMicroelectronics LED1642GW Datasheet HTML 24Page - STMicroelectronics LED1642GW Datasheet HTML 25Page - STMicroelectronics LED1642GW Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
Configuration register
LED1642GW
22/42
DocID024395 Rev 6
Figure 11. Error detection action sequence
Figure 12. Error detection power-on timing
AM13696V1
Normal detection sequence
Read error detection result on
SDO in 16 clock pulses after
detection end command
Turn on LED by PWCLK
pulses for at least 1 µs
Send open, short or combined
error detection start command
by LE digital keys
Select LED to be turned on and
checked in switch register
data; brightness for selected
channels cannot be zero.
Select normal error detection mode
on CFG register (bit 7 = “0”)
Send error detection end
command by LE digital key
AM13697V1
0.5us
Det.
End
Det.
Start
It must contain 1us output power ON
1us
SPI pattern
Output Current
x0000 < BRT < xFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com