Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED1642GW Datasheet(PDF) 13 Page - STMicroelectronics

Part # LED1642GW
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GW Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LED1642GW Datasheet HTML 9Page - STMicroelectronics LED1642GW Datasheet HTML 10Page - STMicroelectronics LED1642GW Datasheet HTML 11Page - STMicroelectronics LED1642GW Datasheet HTML 12Page - STMicroelectronics LED1642GW Datasheet HTML 13Page - STMicroelectronics LED1642GW Datasheet HTML 14Page - STMicroelectronics LED1642GW Datasheet HTML 15Page - STMicroelectronics LED1642GW Datasheet HTML 16Page - STMicroelectronics LED1642GW Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
DocID024395 Rev 6
13/42
LED1642GW
Switching characteristics
42
tshutdown
Auto power shutdown time (auto OFF)
From LE falling edge to REXT
voltage reference at -10%
-100
-
ns
twakeup
Auto-wakeup
From LE falling edge to REXT
voltage reference at 90%
-3
-
µs
1.
Not tested in production. All table limits are guaranteed by design.
2.
CFG -11= 0 and CFG -12 = 0 (output tr = 30 ns; output tf = 20 ns); CFG-14=1 (no output gradual delay).
3.
If devices are connected in cascade and tclkr or tclkf is large, it may be critical to achieve the timing required for data
transfer between two cascaded devices.
Table 5. Switching characteristics(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Table 6. Programmable TON/TOFF (output rise and fall time)
Configuration bits
(CFG-12 - CFG-11)
Conditions
Typ. (20% to 80%)
Unit
Turn-on
Turn-off
0 - 0
REXT = 11 kΩ; IOUT = 20 mA
VOUT = 0.8 V
VIH= VDD; VIL= GND
RL = 50 Ω; CL=10pF
CFG-0...CFG-5=“011010”
CFG-6 = “1”
30 ns
20 ns
ns
0 - 1
100 ns
40 ns
1 - 0
140 ns
80 ns
1 - 1
180 ns
150 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com