Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED1642GW Datasheet(PDF) 20 Page - STMicroelectronics

Part # LED1642GW
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GW Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LED1642GW Datasheet HTML 16Page - STMicroelectronics LED1642GW Datasheet HTML 17Page - STMicroelectronics LED1642GW Datasheet HTML 18Page - STMicroelectronics LED1642GW Datasheet HTML 19Page - STMicroelectronics LED1642GW Datasheet HTML 20Page - STMicroelectronics LED1642GW Datasheet HTML 21Page - STMicroelectronics LED1642GW Datasheet HTML 22Page - STMicroelectronics LED1642GW Datasheet HTML 23Page - STMicroelectronics LED1642GW Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Configuration register
LED1642GW
20/42
DocID024395 Rev 6
The Table 9 shows an example of the current setting with an external resistance (REXT) = 11
K
Ω:
The Table 10 shows an example of current setting and gain control with REXT = 11 kΩ, see
also Figure 10.
The external programming resistance must be connected as close as possible to the related
device pins (REXT and GND) to reduce as minimum as possible the routing length and
prevent reference noise injection and electromagnetic interferences. Moreover, a direct
connection to the device GND pin reduces the possible output current variation when the
total device ground current changes (load effect).
Table 9. Example of current ranges
REXT [KΩ]
CFG-6
CFG-0 to CFG-5
LED current(1) [mA]
1.
The indicated values may be slightly different on the current device.
Accuracy
Low range
11
0
000000
3.1 mA
± 4% ch-to-ch
11
0
111111
12.5 mA
-
High range
11
1
000000
8.9 mA
11
1
011010
20 mA
± 3% ch-to-ch
Table 10. Gain steps for the current range selected by REXT = 11 kΩ
CFG-6
CFG(0 to 5)
LED current (1) [mA]
1.
The indicated values may be slightly different on the current device.
Low range
0
000000
3.131
0
000001
3.280
……
…
0
111111
12.524
High range
1
000000
8.945
1
000001
9.371
……
…
1
111111
35.78
21
_ de fa ult
OL
st e p
I
I
=
Δ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com