Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED1642GW Datasheet(PDF) 1 Page - STMicroelectronics

Part # LED1642GW
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GW Datasheet(HTML) 1 Page - STMicroelectronics

  LED1642GW Datasheet HTML 1Page - STMicroelectronics LED1642GW Datasheet HTML 2Page - STMicroelectronics LED1642GW Datasheet HTML 3Page - STMicroelectronics LED1642GW Datasheet HTML 4Page - STMicroelectronics LED1642GW Datasheet HTML 5Page - STMicroelectronics LED1642GW Datasheet HTML 6Page - STMicroelectronics LED1642GW Datasheet HTML 7Page - STMicroelectronics LED1642GW Datasheet HTML 8Page - STMicroelectronics LED1642GW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
This is information on a product in full production.
November 2015
DocID024395 Rev 6
1/42
LED1642GW
16 channel LED driver with error detection current gain control and
12/16-bit PWM brightness control
Datasheet
- production data
Features
• 16 constant current output channels
• Output current: from 3 mA to 40 mA
• Current programmable through external
resistor
• 7-bit global current gain adjustment in two
ranges
• 12/16-bit PWM grayscale brightness control
• Programmable output turn-on/off time
• Error detection mode (both open and shorted-
LED)
• Programmable shorted-LED detection
thresholds
• Auto power saving/auto-wakeup
• Selectable SDO synchronization on the CLK
falling edge
• Gradual output delay (selectable)
• Supply voltage: 3 V to 5.5 V
• Thermal shutdown and overtemperature alert
• 30 MHz 4-wires interface
• 20 V current generator rated voltage
Applications
• Full color/monochrome large displays
• LED signage
Description
The LED1642GW is a monolithic, low voltage, low
current power 16-bit shift register designed for
LED panel displays. The LED1642GW
guarantees 20 V output driving capability allowing
the user to connect several LEDs in series. In the
output stage, sixteen regulated current sources
provide from 3 mA to 40 mA constant current to
drive the LEDs. The current is programmed
through an external resistor and can be adjusted
by a 7-bit current gain register in two subranges.
The brightness can be adjusted separately for
each channel through 12/16-bit grayscale control.
Programmable turn-on and turn-off time (four
different values available) improves the low noise
generation performance of the system.
Open/short error detection mode is available in
the LED1642GW. The auto power-shutdown and
auto power-on features (selectable) allow the
device to save power without external
intervention.
Thermal management includes an
overtemperature data alert and output thermal
shutdown (170 °C). The high clock frequency is
up to 30 MHz and it makes the device suitable for
high data rate transmission. A selectable gradual
output delay reduces the inrush current, whereas
the selectable SDO synchronization feature works
when the device is used in daisy-chain
configuration. The supply voltage range is
between 3 V and 5.5 V.
TSSOP24
TSSOP24
(exposed pad)
QSOP-24
www.st.com


Similar Part No. - LED1642GW

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED16FC ROITHNER-LED16FC Datasheet
288Kb / 2P
Mid-Infrared Light Emitting Diode
LED16FC ROITHNER-LED16FC Datasheet
93Kb / 2P
Mid-Infrared Light Emitting Diodes and Photodiodes
LED16FC-PR ROITHNER-LED16FC-PR Datasheet
336Kb / 2P
Mid-Infrared Light Emitting Diode
LED16FC-PR-WIN ROITHNER-LED16FC-PR-WIN Datasheet
205Kb / 2P
Mid-Infrared Light Emitting Diode
LED16FC-SMD5 ROITHNER-LED16FC-SMD5 Datasheet
263Kb / 2P
Mid-Infrared LED
More results

Similar Description - LED1642GW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
MBI5029 ETC1-MBI5029 Datasheet
702Kb / 31P
16-Bit Constant Current LED Sink Driver with Error Detection and Current Adjust
logo
Silicon Touch Technolog...
DD312 SITI-DD312 Datasheet
543Kb / 20P
HIGH CONSTANT CURRENT LED DRIVER with ERROR DETECTION
DD313 SITI-DD313 Datasheet
688Kb / 22P
3-CHANNEL HIGH CONSTANT CURRENT LED DRIVER with ERROR DETECTION
logo
NXP Semiconductors
PCA9922 NXP-PCA9922 Datasheet
144Kb / 26P
8-channel constant current LED driver with output error detection
Rev. 01-15 January 2009
PCA9922 NXP-PCA9922_11 Datasheet
255Kb / 27P
8-channel constant current LED driver with output error detection
Rev. 2-6 April 2011
logo
STMicroelectronics
STP1612PW05 STMICROELECTRONICS-STP1612PW05 Datasheet
787Kb / 35P
16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
18-Dec-2009
LED2472G STMICROELECTRONICS-LED2472G Datasheet
1Mb / 39P
24-channels LED driver with error detection and gain control
April 2014 Rev 3
ALED1642GW STMICROELECTRONICS-ALED1642GW Datasheet
2Mb / 39P
16 channel LED driver with error detection, current gain control and 12/16-bit PWM brightness control for automotive applications
16-Nov-2015
logo
List of Unclassifed Man...
MBI5038 ETC1-MBI5038 Datasheet
1Mb / 34P
16-Channel Constant Current LED Driver with Error Detection/ Power Saving Mode/ Current Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com