Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED1642GW Datasheet(PDF) 16 Page - STMicroelectronics

Part # LED1642GW
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GW Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LED1642GW Datasheet HTML 12Page - STMicroelectronics LED1642GW Datasheet HTML 13Page - STMicroelectronics LED1642GW Datasheet HTML 14Page - STMicroelectronics LED1642GW Datasheet HTML 15Page - STMicroelectronics LED1642GW Datasheet HTML 16Page - STMicroelectronics LED1642GW Datasheet HTML 17Page - STMicroelectronics LED1642GW Datasheet HTML 18Page - STMicroelectronics LED1642GW Datasheet HTML 19Page - STMicroelectronics LED1642GW Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Digital blocks
LED1642GW
16/42
DocID024395 Rev 6
7
Digital blocks
The data input arrives through the serial Interface at each CLK rising edge. The LE signal is
used to latch the loaded data and also to address data loading to the appropriate register,
thermal flag reading and error detection. The access to the different registers or functions of
the device (configuration register, brightness register or current gain, error detection, etc.) is
achieved by using different digital keys, defined as a number of CLK pulses during which the
LE signal is asserted. The available digital keys are listed in Table 7 and Figure 8. A typical
channel data input is shown in Figure 9.
Table 7. Digital key summary
Number # CLK rising edge when the LE is “1”
Command description
1
1 – 2
Write switch (to turn on/off output channels)
2
3 – 4
Brightness data latch
3
5 – 6
Brightness global latch
4
7
Write configuration register
5
8
Read configuration register
6
9
Start open error detection mode
7
10
Start short error detection mode
8
11
Start combined error detection mode
9
12
End error detection mode
10
13
Thermal error reading
11
14
Reserved
12
15
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com