Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBTLE-RF Datasheet(PDF) 6 Page - STMicroelectronics

Part # SPBTLE-RF
Description  Fitness, wellness and sports
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-RF Datasheet(HTML) 6 Page - STMicroelectronics

Back Button SPBTLE-RF Datasheet HTML 2Page - STMicroelectronics SPBTLE-RF Datasheet HTML 3Page - STMicroelectronics SPBTLE-RF Datasheet HTML 4Page - STMicroelectronics SPBTLE-RF Datasheet HTML 5Page - STMicroelectronics SPBTLE-RF Datasheet HTML 6Page - STMicroelectronics SPBTLE-RF Datasheet HTML 7Page - STMicroelectronics SPBTLE-RF Datasheet HTML 8Page - STMicroelectronics SPBTLE-RF Datasheet HTML 9Page - STMicroelectronics SPBTLE-RF Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Hardware specifications
SPBTLE-RF
6/23
DocID027851 Rev 5
4
Hardware specifications
General conditions (VIN= 3.3 V and 25 °C)
4.1
Absolute maximum ratings
4.2
Recommended operating conditions
4.3
Current consumption
Table 1. Absolute maximum ratings
Rating
Min
Typ.
Max
Unit
Storage temperature range
-40
-
+85
°C
Supply voltage, VIN
-0.3
-
3.9
V
I/O pin Voltage (VIO five-volt tolerant pin)
-0.3
-
3.9
V
RF saturation input power
-
8
-
dBm
Table 2. Recommended operating conditions
Rating
Min
Typ.
Max
Unit
Storage temperature range
-40
-
+85
°C
Supply voltage, VIN
1.7
3.3
3.6
V
Signals & I/O pin voltage
(according supply voltage)
1.7
-
3.6
V
RF Frequency
2402
-
2480
MHz
Table 3. Current consumption summary
Symbol
Parameter
Test conditions
Typ.
Unit
IDD
Supply current
Shutdown / STANDBY
1.98
µA
Peripheral in advertising (20 ms)
0.850
mA
Peripheral in advertising (80 ms)
0.250
mA
Peripheral in connection
0.103
mA
Central in scan mode
7.72
mA
Central in connection
0.105
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com