Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBTLE-RF Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPBTLE-RF
Description  Fitness, wellness and sports
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-RF Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPBTLE-RF Datasheet HTML 9Page - STMicroelectronics SPBTLE-RF Datasheet HTML 10Page - STMicroelectronics SPBTLE-RF Datasheet HTML 11Page - STMicroelectronics SPBTLE-RF Datasheet HTML 12Page - STMicroelectronics SPBTLE-RF Datasheet HTML 13Page - STMicroelectronics SPBTLE-RF Datasheet HTML 14Page - STMicroelectronics SPBTLE-RF Datasheet HTML 15Page - STMicroelectronics SPBTLE-RF Datasheet HTML 16Page - STMicroelectronics SPBTLE-RF Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
DocID027851 Rev 5
13/23
SPBTLE-RF
Hardware design
23
5
Hardware design
SPBTLE-RF module supports SPI hardware interfaces.
Note:
- All unused pins should be left floating; do not ground.
- All GND pins must be well grounded.
- The area around the module should be free of any ground planes, power planes, trace
routings, or metal for 6 mm from the module antenna position, in all directions.
- Traces should not be routed underneath the module.
5.1
Reflow soldering
The SPBTLE-RF is a high temperature strength surface mount Bluetooth® module supplied
on a 11 pin, 4-layer PCB. The final assembly recommended reflow profiles are indicated
here below.
Soldering phase has to be executed with care: in order to avoid undesired melting
phenomenon, particular attention has to be taken on the set up of the peak temperature.
Here following some suggestions for the temperature profile based on following
recommendations.
Table 6. Soldering
Profile feature
PB-free assembly
Average ramp up rate (TSMAX to Tp)
3°C/ sec max
Preheat
Temperature min (TS mn)
Temperature max (TS max)
Time (tS min to tS max) (tS)
150 °C
200 °C
60-100 sec
Time maintained above:
Temperature TL
Time tL
217 °C
60-70 sec
Peak temperature (TP)
240 + 0 °C
Time within 5 °C of actual peak temperature (TP)
10-20 sec
Ramp down rate
6 °C/sec
Time from 25 °C to peak temperature
8 minutes max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com