Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBTLE-RF Datasheet(PDF) 15 Page - STMicroelectronics

Part # SPBTLE-RF
Description  Fitness, wellness and sports
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-RF Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SPBTLE-RF Datasheet HTML 11Page - STMicroelectronics SPBTLE-RF Datasheet HTML 12Page - STMicroelectronics SPBTLE-RF Datasheet HTML 13Page - STMicroelectronics SPBTLE-RF Datasheet HTML 14Page - STMicroelectronics SPBTLE-RF Datasheet HTML 15Page - STMicroelectronics SPBTLE-RF Datasheet HTML 16Page - STMicroelectronics SPBTLE-RF Datasheet HTML 17Page - STMicroelectronics SPBTLE-RF Datasheet HTML 18Page - STMicroelectronics SPBTLE-RF Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
DocID027851 Rev 5
15/23
SPBTLE-RF
Regulatory compliance
23
6
Regulatory compliance
6.1
FCC certification
This module has been tested and found to comply with the FCC part 15 rules. These limits
are designed to provide reasonable protection against harmful interference in approved
installations. This equipment generates, uses, and can radiate radio frequency energy and,
if not installed and used in accordance with the instructions, may cause harmful interference
to radio communications.
However, there is no guarantee that interference may not occur in a particular installation.
This device complies with part 15 of the FCC rules. Operation is subject to the following two
conditions:
1.
This device may not cause harmful interference,
and
2.
this device must accept any interference received, including interference that may
cause undesired operation.
Modifications or changes to this equipment not expressly approved by STMicroelectronics
may render void the user's authority to operate this equipment.
Modular approval
FCC ID: S9NSPBTLERF
In accordance with FCC part 15, the SPBTLE-RF is listed as a modular transmitter device.
This module is evaluated for stand-alone use only. Finished products incorporating multiple
transmitters must comply with colocation and RF exposure requirements in accordance with
FCC multi-transmitter product procedures. Collocated transmitters operating in portable RF
Exposure conditions (e.g. <20 cm from persons including but not limited to body worn and
hand held devices) may require separate approval.
6.1.1
Labeling instructions
When integrating the SPBTLE-RF into the final product, the OEM must ensure that the FCC
labeling requirements are satisfied. A statement must be included on the exterior of the final
product which indicates the product includes a certified module. The label should state the
following (or similar wording that conveys the same meaning):
The OEM must include the following statements on the exterior of the final product unless
the product is too small (e.g. less than 4 x 4 inches):
This device complies with Part 15 of the FCC Rules. Operation is subject to the following
two conditions:
Contains FCC ID: S9NSPBTLERF
OR
This product contains FCC ID: S9NSPBTLERF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com