Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBTLE-RF Datasheet(PDF) 3 Page - STMicroelectronics

Part # SPBTLE-RF
Description  Fitness, wellness and sports
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-RF Datasheet(HTML) 3 Page - STMicroelectronics

  SPBTLE-RF Datasheet HTML 1Page - STMicroelectronics SPBTLE-RF Datasheet HTML 2Page - STMicroelectronics SPBTLE-RF Datasheet HTML 3Page - STMicroelectronics SPBTLE-RF Datasheet HTML 4Page - STMicroelectronics SPBTLE-RF Datasheet HTML 5Page - STMicroelectronics SPBTLE-RF Datasheet HTML 6Page - STMicroelectronics SPBTLE-RF Datasheet HTML 7Page - STMicroelectronics SPBTLE-RF Datasheet HTML 8Page - STMicroelectronics SPBTLE-RF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
DocID027851 Rev 5
3/23
SPBTLE-RF
General description
23
1
General description
The SPBTLE-RF is a single-mode Bluetooth low energy master/slave network processor
module compliant with Bluetooth® v4.1.
The SPBTLE-RF B-SmarT module integrates a 2.4 GHz RF radio the ST BlueNRG-MS on
which a complete power-optimized stack for Bluetooth single mode protocol runs, providing
•
Master, slave role support
•
GAP: central, peripheral, observer or broadcaster roles
•
ATT/GATT: client and server
•
SM: privacy, authentication and authorization
•
L2CAP
•
Link Layer: AES-128 encryption and decryption
The BlueNRG-MS radio embeds nonvolatile Flash memory allows on-field stack upgrading.
In addition, according the Bluetooth specification v4.1 the SPBTLE-RF B-SmarT module
provides:
•
Multiple roles simultaneously support
•
Support simultaneous advertising and scanning
•
Support being slave of up to two masters simultaneously
•
Privacy V1.1
•
Low duty cycle directed advertising
•
Connection parameters request procedure
•
LE Ping
•
32 bits UUIDs
•
L2CAP connection oriented channels
The SPBTLE-RF B-SmarT module is equipped with Bluetooth low energy profiles in C
source code, available for the ST radio BlueNRG-MS.
The external host application processor, where the application resides, is interfaced with the
SPBTLE-RF B-SmarT module through an application controller interface protocol, which is
based on a standard SPI interface.
The SPBTLE-RF B-Smart module enables wireless connectivity into electronic devices, not
requiring any RF experience or expertise for integration into the final product. The SPBTLE-
RF B-Smart module provides a complete RF platform in a tiny form factor and being a
certified solution optimizes the time to market of the final applications.
The SPBTLE-RF B-SmarT module allows applications to meet of the tight advisable peak
current requirements imposed with the use of standard coin cell batteries. Optimized results
are obtained when the embedded high-efficiency DC-DC step-down converter is used.
SPBTLE-RF can be powered directly with a standard 3 V coin cell battery, a pair of AAA
batteries or any power source from 1.7 to 3.6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com