Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBTLE-RF Datasheet(PDF) 19 Page - STMicroelectronics

Part # SPBTLE-RF
Description  Fitness, wellness and sports
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-RF Datasheet(HTML) 19 Page - STMicroelectronics

Back Button SPBTLE-RF Datasheet HTML 15Page - STMicroelectronics SPBTLE-RF Datasheet HTML 16Page - STMicroelectronics SPBTLE-RF Datasheet HTML 17Page - STMicroelectronics SPBTLE-RF Datasheet HTML 18Page - STMicroelectronics SPBTLE-RF Datasheet HTML 19Page - STMicroelectronics SPBTLE-RF Datasheet HTML 20Page - STMicroelectronics SPBTLE-RF Datasheet HTML 21Page - STMicroelectronics SPBTLE-RF Datasheet HTML 22Page - STMicroelectronics SPBTLE-RF Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
DocID027851 Rev 5
19/23
SPBTLE-RF
Regulatory compliance
23
6.3
CE certification for SPBTLE-RF module
The SPBTLE-RF module has been certified according to the following standards:
•
EN 60950-1:2006 + A11:2009 + A12:2011 + A1:2010 + A2:2013 + AC:2011
•
ETSI EN 301 489-1 V1.9.2:2011
•
ETSI EN 301 489-17 V2.2.1
•
ETSI EN 300 328 V1.8.1:2012
•
ETSI EN 300 328 V1.9.1 (2015)
•
EN62479:2010
CE Expert opinion: 0561-ARSP00053
The module is CE certified:
6.4
Bluetooth certification
The module with embedded stack and profile has been qualified in accordance with SIG
qualification rules:
•
Declaration ID: D028766
•
Qualified design ID: 71984
•
Product type: End Product
•
Core spec version: 4.1
•
Product description: Bluetooth Smart v4.1 module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com