Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBTLE-RF Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPBTLE-RF
Description  Fitness, wellness and sports
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-RF Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPBTLE-RF Datasheet HTML 6Page - STMicroelectronics SPBTLE-RF Datasheet HTML 7Page - STMicroelectronics SPBTLE-RF Datasheet HTML 8Page - STMicroelectronics SPBTLE-RF Datasheet HTML 9Page - STMicroelectronics SPBTLE-RF Datasheet HTML 10Page - STMicroelectronics SPBTLE-RF Datasheet HTML 11Page - STMicroelectronics SPBTLE-RF Datasheet HTML 12Page - STMicroelectronics SPBTLE-RF Datasheet HTML 13Page - STMicroelectronics SPBTLE-RF Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Hardware specifications
SPBTLE-RF
10/23
DocID027851 Rev 5
4.5
Pin assignment
Figure 8. Pin connection
Table 5. Pin assignment
Name
Type
Pin #
Description
V max. Tolerant
SPI Interface
SPI_IRQ
O
4
SPI IRQ (SLAVE has data for
MASTER)
Vin
SPI_CLK
I
7
SPI CLOCK (Max. 8 MHz)
Vin
SPI_MISO
O
8
SPI MISO (MASTER in / SLAVE out)
Vin
SPI_MOSI
I
9
SPI MOSI (MASTER out SLAVE in)
Vin
SPI_CS
I
10
SPI “Chip select” (SPI slave select)
Vin
Power and ground
Vin
5
Vin
(1.7V - 3.6V max.)
GND
6
GND
Reset
BT_RESET
I
11
Reset input (active low < 0.35 Vin)
(1.7V - 3.6V max.)
LPO
EXT_LPCLK
I
1
Not connected
GPIO2
I/O
2
Not connected
ANA TEST 0
I
3
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com