Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBTLE-RF Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPBTLE-RF
Description  Fitness, wellness and sports
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-RF Datasheet(HTML) 1 Page - STMicroelectronics

  SPBTLE-RF Datasheet HTML 1Page - STMicroelectronics SPBTLE-RF Datasheet HTML 2Page - STMicroelectronics SPBTLE-RF Datasheet HTML 3Page - STMicroelectronics SPBTLE-RF Datasheet HTML 4Page - STMicroelectronics SPBTLE-RF Datasheet HTML 5Page - STMicroelectronics SPBTLE-RF Datasheet HTML 6Page - STMicroelectronics SPBTLE-RF Datasheet HTML 7Page - STMicroelectronics SPBTLE-RF Datasheet HTML 8Page - STMicroelectronics SPBTLE-RF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
This is information on a product in full production.
January 2016
DocID027851 Rev 5
1/23
SPBTLE-RF
Very low power module for Bluetooth® Smart v4.1
Datasheet
- production data
Features
• Bluetooth v4.1 compliant
– Supports master and slave modes
– Multiple roles supported simultaneously
• Embedded Bluetooth low energy protocol stack
– GAP, GATT, SM, L2CAP, LL, RFPHY
• Bluetooth low energy profiles provided
separately
• Bluetooth radio performance:
– Embedded ST BlueNRG-MS
– Tx power: + 4 dBm
– Rx sensitivity: - 88 dBm
– Provides up to 92 dB link budget with
excellent link reliability
• Host interface
– SPI, IRQ, and RESET
– On-field stack upgrading available via SPI
• AES security co-processor
• Certification
– CE qualified
– FCC, IC modular approval certified
– BQE qualified
• On-board chip antenna
• Operating supply voltage: from 1.7 to 3.6 V
• Operating temperature range: -40 °C to 85 °C
Applications
• Watches
• Fitness, wellness and sports
• Consumer medical
• Security/proximity
• Remote control
• Home and industrial automation
• Assisted living
• Mobile phone peripherals
• PC peripherals
Description
The SPBTLE-RF is an easy to use Bluetooth®
Smart master/slave network processor module,
compliant with Bluetooth® v4.1. The SPBTLE-RF
B-SmarT module supports multiple roles
simultaneously, and can act at the same time as
Bluetooth Smart sensor and hub device.
The entire Bluetooth Smart stack and protocols
are embedded into SPBTLE-RF B-SmarT
module. The external host application processor,
where the application resides, is connected to the
SPBTLE-RF B-SmarT module through a standard
SPI interface.
The SPBTLE-RF B-SmarT module provides a
complete RF platform in a tiny form factor. Radio,
antenna, high frequency and LPO oscillators are
integrated to offer a certified solution to optimize
the time to market of the final applications.
The SPBTLE-RF can be powered directly with a
standard 3 V coin cell battery, a pair of AAA
batteries or any power source from 1.7 to 3.6 V.
www.st.com


Similar Part No. - SPBTLE-RF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPBTLE-RF STMICROELECTRONICS-SPBTLE-RF Datasheet
1Mb / 6P
Flight controller unit evaluation board for toy drones
Rev 2 - January 2019
SPBTLE-RF0 STMICROELECTRONICS-SPBTLE-RF0 Datasheet
3Mb / 25P
Very low power network processor module for Bluetooth® Low Energy v4.1
13-Jan-2021
More results

Similar Description - SPBTLE-RF

ManufacturerPart #DatasheetDescription
logo
ITT Industries
CGKX ITT-CGKX Datasheet
85Kb / 1P
Circular;Black Box Industrial Military Motor Sports
logo
Minilogic Device Corpor...
ML74WLDF MINILOGIC-ML74WLDF Datasheet
156Kb / 4P
AND Gate (unbuffered) and Buffered
logo
Ferroxcube Internationa...
FRM20 FERROXCUBE-FRM20 Datasheet
18Kb / 1P
Frame and Bar cores and accessories
logo
Analog Devices
AD8233 AD-AD8233 Datasheet
772Kb / 30P
Fitness and activity heart rate monitors
Rev. 0
logo
STMicroelectronics
GG25L STMICROELECTRONICS-GG25L Datasheet
586Kb / 28P
Fitness and healthcare
February 2014 Rev 1
logo
Silicon Laboratories
EFR32MG1X232 SILABS-EFR32MG1X232 Datasheet
1Mb / 80P
Sports and Fitness
EFR32MG12 SILABS-EFR32MG12 Datasheet
2Mb / 181P
Health and Wellness
logo
STMicroelectronics
OA1ZHA STMICROELECTRONICS-OA1ZHA Datasheet
2Mb / 35P
Fitness and healthcare
June 2016 Rev 2
logo
Shenzhen Huazhimei Semi...
HM4050B HMSEMI-HM4050B Datasheet
957Kb / 12P
Fitness Accessories
logo
Maxim Integrated Produc...
MAX32600 MAXIM-MAX32600 Datasheet
606Kb / 35P
Wellness Measurement Microcontroller
19-6947; Rev 7; 6/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com