Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBTLE-RF Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPBTLE-RF
Description  Fitness, wellness and sports
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBTLE-RF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPBTLE-RF Datasheet HTML 3Page - STMicroelectronics SPBTLE-RF Datasheet HTML 4Page - STMicroelectronics SPBTLE-RF Datasheet HTML 5Page - STMicroelectronics SPBTLE-RF Datasheet HTML 6Page - STMicroelectronics SPBTLE-RF Datasheet HTML 7Page - STMicroelectronics SPBTLE-RF Datasheet HTML 8Page - STMicroelectronics SPBTLE-RF Datasheet HTML 9Page - STMicroelectronics SPBTLE-RF Datasheet HTML 10Page - STMicroelectronics SPBTLE-RF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DocID027851 Rev 5
7/23
SPBTLE-RF
Hardware specifications
23
4.4
Current consumption comparison
The measured values reported in table 3 have been compared with the value calculated
with the “BlueNRG current consumption estimation tool”, available on ST.com at:
http://www.st.com/web/en/catalog/tools/PF260405
The comparison between measured and calculated values is reported in following Table 4.
For each calculated value refer to the following screenshot
Figure 3. Peripheral in advertising (20 ms)
Table 4. Current consumption comparison summary
Symbol
Parameter
Test conditions
Typ.
Peak
Calculated
Unit
Calculated
value reference
IDD
Supply current
Shutdown /
STANDBY
1.98
2
µA
BlueNRG-MS
Datasheet Table
7
Peripheral in
advertising (20 ms)
0.850
11.5
0.985
mA
Screenshot
Figure 3
Peripheral in
advertising (80 ms)
0.250
15.7
0.247
mA
Screenshot
Figure 4
Peripheral in
connection
0.103
15
0.119
mA
Screenshot
Figure 5
Central in scan
mode
7.72
8.5
7.1 - 7.4
mA
Screenshot
Figure 6
Central in
connection
0.105
12.85
0.106
mA
Screenshot
Figure 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com