Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39050PVR Datasheet(PDF) 6 Page - STMicroelectronics

Part # LD39050PVR
Description  500 mA low quiescent current and low noise voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39050PVR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LD39050PVR Datasheet HTML 2Page - STMicroelectronics LD39050PVR Datasheet HTML 3Page - STMicroelectronics LD39050PVR Datasheet HTML 4Page - STMicroelectronics LD39050PVR Datasheet HTML 5Page - STMicroelectronics LD39050PVR Datasheet HTML 6Page - STMicroelectronics LD39050PVR Datasheet HTML 7Page - STMicroelectronics LD39050PVR Datasheet HTML 8Page - STMicroelectronics LD39050PVR Datasheet HTML 9Page - STMicroelectronics LD39050PVR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Maximum ratings
LD39050
6/28
DocID15470 Rev 3
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. All values are referred to GND.
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
DC input voltage
-0.3 to 7
V
VOUT
DC output voltage
-0.3 to VI + 0.3 (7 V max.)
V
EN
Enable pin
-0.3 to VI + 0.3 (7 V max.)
V
PG
Power Good pin
-0.3 to 7
V
ADJ
Adjustable pin
4
V
IOUT
Output current
Internally limited
PD
Power dissipation
Internally limited
TSTG
Storage temperature range
- 65 to 150
°C
TOP
Operating junction temperature range
- 40 to 125
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
DFN6 (2x2 mm)
DFN6 (3x3 mm)
RthJA
Thermal resistance junction-ambient
65
55
°C/W
RthJC
Thermal resistance junction-case
6.5
10
°C/W
Table 4. ESD performance
Symbol
Parameter
Test conditions
Value
Unit
ESD
ESD protection voltage
HBM
2
kV
CDM
500
V
MM
0.3
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com