Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39050PVR Datasheet(PDF) 8 Page - STMicroelectronics

Part # LD39050PVR
Description  500 mA low quiescent current and low noise voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39050PVR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LD39050PVR Datasheet HTML 4Page - STMicroelectronics LD39050PVR Datasheet HTML 5Page - STMicroelectronics LD39050PVR Datasheet HTML 6Page - STMicroelectronics LD39050PVR Datasheet HTML 7Page - STMicroelectronics LD39050PVR Datasheet HTML 8Page - STMicroelectronics LD39050PVR Datasheet HTML 9Page - STMicroelectronics LD39050PVR Datasheet HTML 10Page - STMicroelectronics LD39050PVR Datasheet HTML 11Page - STMicroelectronics LD39050PVR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Electrical characteristics
LD39050
8/28
DocID15470 Rev 3
PG
Power Good output threshold
Rising edge
0.92*
VOUT
V
Falling edge
0.8*
VOUT
Power Good output voltage
low
Isink = 6 mA open drain output
0.4
V
ISC
Short-circuit current
RL= 0
600
800
mA
VEN
Enable input logic low
VIN = 1.5 V to 5.5 V,
40 °C < TJ < 125 °C
0.4
V
Enable input logic high
VIN = 1.5 V to 5.5 V,
40 °C < TJ < 125 °C
0.9
V
IEN
Enable pin input current
VEN = VIN
0.1
100
nA
tON
Turn-on time (4)
30
µs
TSHDN
Thermal shutdown
160
°C
Hysteresis
20
COUT
Output capacitor
Capacitance (see typical
performance characteristics for
stability)
122
µF
1.
All transient values are guaranteed by design, not production tested
2.
Dropout voltage is the input-to-output voltage difference at which the output voltage is 100 mV below its nominal value. This
specification does not apply to output voltages below 1.5 V
3.
PG pin floating
4.
Turn-on time is time measured between the enable input just exceeding VEN high value and the output voltage just reaching
95% of its nominal value
Table 5. Electrical characteristics for the LD39050 (adjustable) (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com