Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39050PVR Datasheet(PDF) 12 Page - STMicroelectronics

Part # LD39050PVR
Description  500 mA low quiescent current and low noise voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39050PVR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LD39050PVR Datasheet HTML 8Page - STMicroelectronics LD39050PVR Datasheet HTML 9Page - STMicroelectronics LD39050PVR Datasheet HTML 10Page - STMicroelectronics LD39050PVR Datasheet HTML 11Page - STMicroelectronics LD39050PVR Datasheet HTML 12Page - STMicroelectronics LD39050PVR Datasheet HTML 13Page - STMicroelectronics LD39050PVR Datasheet HTML 14Page - STMicroelectronics LD39050PVR Datasheet HTML 15Page - STMicroelectronics LD39050PVR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Typical performance characteristics
LD39050
12/28
DocID15470 Rev 3
Figure 11. Output voltage vs. input voltage
Figure 12. Quiescent current vs. temperature
(VOUT = 0.8 V)
Figure 13. Quiescent current vs. temperature
(VOUT = 2.5 V)
Figure 14. Quiescent current in OFF mode vs.
temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
00.5
11.5
22.5
33.5
4
4.5
5
5.5
V
IN [V]
125°C
85°C
55°C
25°C
0°C
- 25°C
- 40°C
V
EN = VIN, CIN = COUT = 1 µF; IOUT = 500 mA
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
00.5
11.5
22.5
33.5
4
4.5
5
5.5
V
IN [V]
125°C
85°C
55°C
25°C
0°C
- 25°C
- 40°C
V
EN = VIN, CIN = COUT = 1 µF; IOUT = 500 mA
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
T [°C]
No load
I
OUT = 0.5 A
V
IN = 1.8 V, VEN to VIN, CIN = 1 µF COUT = 1 µF, VOUT = 0.8 V
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
T [°C]
No load
I
OUT = 0.5 A
V
IN = 1.8 V, VEN to VIN, CIN = 1 µF COUT = 1 µF, VOUT = 0.8 V
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
T [°C]
No load
I
OUT = 0.5 A
V
IN = 3.5 V, VEN to VIN, CIN = COUT = 1 µF, VOUT = 2.5 V
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
T [°C]
No load
I
OUT = 0.5 A
V
IN = 3.5 V, VEN to VIN, CIN = COUT = 1 µF, VOUT = 2.5 V
0
0.1
0.2
0.3
0.4
0.5
0.6
-50
-25
0
25
50
75
100
125
150
T [°C]
V
IN = 3.5 V, VOUT = 2.5 V, VEN = GND, CIN = COUT = 1 µF
0
0.1
0.2
0.3
0.4
0.5
0.6
-50
-25
0
25
50
75
100
125
150
T [°C]
V
IN = 3.5 V, VOUT = 2.5 V, VEN = GND, CIN = COUT = 1 µF
Figure 15. Load regulation
Figure 16. Line regulation (VOUT = 0.8 V)
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
-50
-25
0
25
50
75
100
125
150
T [°C]
V
IN = 1.8 V, IOUT = from 10 mA to 500 mA, VOUT = 0.8 V, VEN = VIN
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
-50
-25
0
25
50
75
100
125
150
T [°C]
V
IN = 1.8 V, IOUT = from 10 mA to 500 mA, VOUT = 0.8 V, VEN = VIN
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
-50
-25
0
25
50
75
100
125
150
T [°C]
I
OUT = 1 mA
I
OUT = 100 mA
V
IN = from 1.8 V to 5.5 V VEN = VIN VOUT = 0.8 V
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
-50
-25
0
25
50
75
100
125
150
T [°C]
I
OUT = 1 mA
I
OUT = 100 mA
V
IN = from 1.8 V to 5.5 V VEN = VIN VOUT = 0.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com