Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39050PVR Datasheet(PDF) 18 Page - STMicroelectronics

Part # LD39050PVR
Description  500 mA low quiescent current and low noise voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39050PVR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LD39050PVR Datasheet HTML 14Page - STMicroelectronics LD39050PVR Datasheet HTML 15Page - STMicroelectronics LD39050PVR Datasheet HTML 16Page - STMicroelectronics LD39050PVR Datasheet HTML 17Page - STMicroelectronics LD39050PVR Datasheet HTML 18Page - STMicroelectronics LD39050PVR Datasheet HTML 19Page - STMicroelectronics LD39050PVR Datasheet HTML 20Page - STMicroelectronics LD39050PVR Datasheet HTML 21Page - STMicroelectronics LD39050PVR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Application information
LD39050
18/28
DocID15470 Rev 3
TJ_MAX is the maximum junction of the die,125 °C;
TA is the ambient temperature;
RthJA is the thermal resistance junction-to-ambient.
6.2
Enable function
The LD39050 features an enable function. When the EN voltage is higher than 2 V the
device is ON, and if it is lower than 0.8 V the device is OFF. In shutdown mode, consumption
is lower than 1 µA.
The EN pin does not have an internal pull-up, therefore it cannot be left floating if it is not
used.
6.3
Power Good function
Most applications require a flag showing that the output voltage is in the correct range.
The Power Good threshold depends on the adjustable voltage. When the adjustable voltage
is higher than 0.92*VADJ, the Power Good (PG) pin goes to high impedance. If it is below
0.80*VADJ the PG pin goes to low impedance. If the device is working well, the PG pin is at
high impedance. If the output voltage is fixed using an external or internal resistor divider,
the Power Good threshold is 0.92*VOUT.
The use of the Power Good function requires an external pull-up resistor, which must be
connected between the PG pin and VIN or VOUT. The typical current capability of the PG pin
is up to 6 mA. The use of a pull-up resistor for PG in the range from 100 k
Ω to 1 MΩ is
recommended. If the Power Good function is not used, the PG pin must remain floating.
When EN pin is in low state the power good is asserted to the high state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com