Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39050PVR Datasheet(PDF) 17 Page - STMicroelectronics

Part # LD39050PVR
Description  500 mA low quiescent current and low noise voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39050PVR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LD39050PVR Datasheet HTML 13Page - STMicroelectronics LD39050PVR Datasheet HTML 14Page - STMicroelectronics LD39050PVR Datasheet HTML 15Page - STMicroelectronics LD39050PVR Datasheet HTML 16Page - STMicroelectronics LD39050PVR Datasheet HTML 17Page - STMicroelectronics LD39050PVR Datasheet HTML 18Page - STMicroelectronics LD39050PVR Datasheet HTML 19Page - STMicroelectronics LD39050PVR Datasheet HTML 20Page - STMicroelectronics LD39050PVR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
DocID15470 Rev 3
17/28
LD39050
Application information
28
Regarding to the adjustable version, the output voltage can be adjusted from 0.8 V up to the
input voltage minus the voltage drop across the PMOS (dropout voltage), by connecting a
resistor divider between the ADJ pin and the output, thus allowing the remote voltage
sensing.
The resistor divider should be selected using the following equation:
VOUT = VADJ (1 + R1 / R2) with VADJ = 0.8 V (typ.)
Resistors should be used with values in the range from 10 k
Ω to 50 kΩ. Lower values can
also be suitable, but they increase current consumption.
6.1
Power dissipation
An internal thermal feedback loop disables the output voltage if the die temperature reaches
approximately 160 °C. This feature protects the device from excessive temperature and
allows the user to push the limits of the power handling capability of a given board without
damaging the device.
A good PC board layout should be used to maximize the power dissipation. The thermal
path for the heat generated by the device goes from the die to the copper lead frame
through the package leads and exposed pad to the PC board copper. The PC board copper
acts as a heat sink. The footprint copper pads should be as wider as possible to spread and
dissipate the heat to the surrounding ambient. Feed-through vias to inner or backside
copper layers improve the overall thermal performance of the device.
The power dissipation of the device depends on the input voltage, output voltage and output
current, and is given by:
PD = (VIN -VOUT) IOUT
The junction temperature of the device is:
TJ_MAX = TA + RthJA x PD
where:
Figure 36. Application schematic for adjustable version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com