Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39050PVR Datasheet(PDF) 16 Page - STMicroelectronics

Part # LD39050PVR
Description  500 mA low quiescent current and low noise voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39050PVR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LD39050PVR Datasheet HTML 12Page - STMicroelectronics LD39050PVR Datasheet HTML 13Page - STMicroelectronics LD39050PVR Datasheet HTML 14Page - STMicroelectronics LD39050PVR Datasheet HTML 15Page - STMicroelectronics LD39050PVR Datasheet HTML 16Page - STMicroelectronics LD39050PVR Datasheet HTML 17Page - STMicroelectronics LD39050PVR Datasheet HTML 18Page - STMicroelectronics LD39050PVR Datasheet HTML 19Page - STMicroelectronics LD39050PVR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Application information
LD39050
16/28
DocID15470 Rev 3
6
Application information
The LD39050 is an ultra low-dropout linear regulator. It provides up to 500 mA with a
200 mV dropout. The input voltage range is from 1.5 V to 5.5 V. The device is available in
fixed and adjustable output versions.
The regulator is equipped with internal protection circuitry, such as short-circuit current
limiting and thermal protection.
The regulator is designed to be stable with ceramic capacitors on the input and the output.
The recommended values of the input and output ceramic capacitors are from 1 µF to 22 µF
with 1 µF typical. The input capacitor must be connected within 0.5 inches of the VIN
terminal. The output capacitor must also be connected within 0.5 inches of output pin. There
is no upper limit to the value of the input capacitor.
Figure 35 and Figure 36 illustrate the typical application schematics:
Figure 35. Application schematic for fixed version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com