Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39050PVR Datasheet(PDF) 11 Page - STMicroelectronics

Part # LD39050PVR
Description  500 mA low quiescent current and low noise voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39050PVR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LD39050PVR Datasheet HTML 7Page - STMicroelectronics LD39050PVR Datasheet HTML 8Page - STMicroelectronics LD39050PVR Datasheet HTML 9Page - STMicroelectronics LD39050PVR Datasheet HTML 10Page - STMicroelectronics LD39050PVR Datasheet HTML 11Page - STMicroelectronics LD39050PVR Datasheet HTML 12Page - STMicroelectronics LD39050PVR Datasheet HTML 13Page - STMicroelectronics LD39050PVR Datasheet HTML 14Page - STMicroelectronics LD39050PVR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
DocID15470 Rev 3
11/28
LD39050
Typical performance characteristics
28
5
Typical performance characteristics
Figure 5. VADJ accuracy
Figure 6. VOUT accuracy
Figure 7. Dropout voltage vs. temperature
(VOUT = 1.5 V)
Figure 8. Dropout voltage vs. temperature
(VOUT = 2.5 V)
0.75
0.76
0.77
0.78
0.79
0.8
0.81
0.82
0.83
0.84
0.85
-50
-25
0
25
50
75
100
125
150
T [°C]
V
IN = 1.8 V IOUT = 10 mA VEN = VIN
0.75
0.76
0.77
0.78
0.79
0.8
0.81
0.82
0.83
0.84
0.85
-50
-25
0
25
50
75
100
125
150
T [°C]
V
IN = 1.8 V IOUT = 10 mA VEN = VIN
2.45
2.46
2.47
2.48
2.49
2.5
2.51
2.52
2.53
2.54
2.55
-50
-25
0
25
50
75
100
125
150
T [°C]
V
IN = 3.5 V IOUT = 10 mA VEN = VIN
2.45
2.46
2.47
2.48
2.49
2.5
2.51
2.52
2.53
2.54
2.55
-50
-25
0
25
50
75
100
125
150
T [°C]
V
IN = 3.5 V IOUT = 10 mA VEN = VIN
0
50
100
150
200
250
300
350
-50
-25
0
25
50
75
100
125
150
T [°C]
C
IN = COUT = 1 µF
V
EN to VIN, IOUT = 500 mA, VOUT @ 1.5 V
0
50
100
150
200
250
300
350
-50
-25
0
25
50
75
100
125
150
T [°C]
C
IN = COUT = 1 µF
V
EN to VIN, IOUT = 500 mA, VOUT @ 1.5 V
0
50
100
150
200
250
300
350
-50
-25
0
25
50
75
100
125
150
T [°C]
C
IN = COUT = 1 µF
V
EN to VIN, IOUT = 500 mA, VOUT = 2.5 V
0
50
100
150
200
250
300
350
-50
-25
0
25
50
75
100
125
150
T [°C]
C
IN = COUT = 1 µF
V
EN to VIN, IOUT = 500 mA, VOUT = 2.5 V
Figure 9. Dropout voltage vs. output current
Figure 10. Short-circuit current vs. dropout
voltage
0
0.025
0.05
0.075
0.1
0.125
0.15
0.175
0.2
0.225
0.25
0.275
0.3
0
100
200
300
400
500
600
I
OUT [mA]
V
EN to VIN, CIN = COUT = 1 µF
0
0.025
0.05
0.075
0.1
0.125
0.15
0.175
0.2
0.225
0.25
0.275
0.3
0
100
200
300
400
500
600
I
OUT [mA]
V
EN to VIN, CIN = COUT = 1 µF
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
01
23
4
5
6
V
DROP [V]
125 °C
85 °C
55 °C
25 °C
0 °C
-25 °C
-40 °C
V
IN from 0 to 5.5 V, VEN = VIN, CIN = 1 µF, COUT = 1 µF
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
01
23
4
5
6
V
DROP [V]
125 °C
85 °C
55 °C
25 °C
0 °C
-25 °C
-40 °C
V
IN from 0 to 5.5 V, VEN = VIN, CIN = 1 µF, COUT = 1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com