Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD39050PVR Datasheet(PDF) 15 Page - STMicroelectronics

Part # LD39050PVR
Description  500 mA low quiescent current and low noise voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39050PVR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button LD39050PVR Datasheet HTML 11Page - STMicroelectronics LD39050PVR Datasheet HTML 12Page - STMicroelectronics LD39050PVR Datasheet HTML 13Page - STMicroelectronics LD39050PVR Datasheet HTML 14Page - STMicroelectronics LD39050PVR Datasheet HTML 15Page - STMicroelectronics LD39050PVR Datasheet HTML 16Page - STMicroelectronics LD39050PVR Datasheet HTML 17Page - STMicroelectronics LD39050PVR Datasheet HTML 18Page - STMicroelectronics LD39050PVR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
DocID15470 Rev 3
15/28
LD39050
Typical performance characteristics
28
Figure 29. Load transient (VOUT=2.5 V, IOUT from
0.1 A to 0.5 A)
VEN = VIN = 3.5 V, IOUT from 100 mA to 0.5 A, VOUT = 2.5 V,
CIN = COUT = 1 µF
Figure 30. Line transient
VEN = VIN from 4.3 V to 4.8 V, IOUT = 10 mA, COUT = 1 µF,
CIN = NO
Figure 31. Start-up transient
VEN = VIN = from 0 V to 5.5 V, IOUT=10 mA, CIN = COUT = 1
µF, VOUT = 2.5 V
Figure 32. Enable transient
VEN from 0 V to 2 V, VIN = 3.5 V, VOUT = 2.5 V, IOUT = 10 mA,
CIN = COUT = 1µF
I
OUT
V
OUT
I
OUT
V
OUT
V
IN
V
OUT
V
IN
V
OUT
V
IN
V
OUT
V
IN
V
OUT
V
EN
V
OUT
V
EN
V
OUT
Figure 33. ESR required for stability with
ceramic capacitors (VOUT = 0.8 V)
VIN = VEN = from 1.8 V to 5.5 V, IOUT = from 1 mA to 500
mA, VOUT = 0.8 V, CIN = 1 µF
Figure 34. ESR required for stability with
ceramic capacitors (VOUT = 2.5 V)
VIN = VEN = from 3.5 V to 5.5 V, IOUT = from 1 mA to 500
mA, VOUT = 2.5 V, CIN = 1 µF
0
0.25
0.5
0.75
1
1.25
1.5
1
2
3
4
5
6
7
8
9
1011 12131415 16171819 202122
C
OUT [µF] (nominal value)
UNSTABLE ZONE
STABLE ZONE
0
0.25
0.5
0.75
1
1.25
1.5
1
2
3
4
5
6
7
8
9
1011 12131415 16171819 202122
C
OUT [µF] (nominal value)
UNSTABLE ZONE
STABLE ZONE
0
0.25
0.5
0.75
1
1.25
1.5
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22
C
OUT [µF] (nominal value)
STABLE ZONE
UNSTABLE ZONE
0
0.25
0.5
0.75
1
1.25
1.5
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21 22
C
OUT [µF] (nominal value)
STABLE ZONE
UNSTABLE ZONE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com