Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSM Datasheet(PDF) 52 Page - STMicroelectronics

Part # LSM6DSM
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSM Datasheet(HTML) 52 Page - STMicroelectronics

Back Button LSM6DSM Datasheet HTML 48Page - STMicroelectronics LSM6DSM Datasheet HTML 49Page - STMicroelectronics LSM6DSM Datasheet HTML 50Page - STMicroelectronics LSM6DSM Datasheet HTML 51Page - STMicroelectronics LSM6DSM Datasheet HTML 52Page - STMicroelectronics LSM6DSM Datasheet HTML 53Page - STMicroelectronics LSM6DSM Datasheet HTML 54Page - STMicroelectronics LSM6DSM Datasheet HTML 55Page - STMicroelectronics LSM6DSM Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 113 page
background image
Register mapping
LSM6DSM
52/113
DocID028165 Rev 2
OUT_MAG_RAW_X_L
r
66
01100110
output
External
magnetometer raw
data output registers
OUT_MAG_RAW_X_H
r
67
01100111
output
OUT_MAG_RAW_Y_L
r
68
01101000
output
OUT_MAG_RAW_Y_H
r
69
01101001
output
OUT_MAG_RAW_Z_L
r
6A
01101010
output
OUT_MAG_RAW_X_H
r
6B
01101011
output
RESERVED
-
6C-6E
-
Reserved
INT_OIS
r/w
6F
01101111
00000000
CTRL_OIS
r/w
70
01110000
00000000
Control registers for
OIS connection
CTRL2_OIS
r/w
71
01110001
00000000
CTRL3_OIS
r/w
72
01110010
00000000
X_OFS_USR
r/w
73
01110011
00000000
Accelerometer
user offset correction
Y_OFS_USR
r/w
74
01110100
00000000
Z_OFS_USR
r/w
75
01110101
00000000
RESERVED
-
76-7F
-
Reserved
1. This register status is read using the primary interface for user interface gyroscope data.
2. This register status is read using the auxiliary SPI for OIS gyroscope data.
Table 18. Registers address map (continued)
Name
Type
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com