Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSM Datasheet(PDF) 85 Page - STMicroelectronics

Part # LSM6DSM
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSM Datasheet(HTML) 85 Page - STMicroelectronics

Back Button LSM6DSM Datasheet HTML 81Page - STMicroelectronics LSM6DSM Datasheet HTML 82Page - STMicroelectronics LSM6DSM Datasheet HTML 83Page - STMicroelectronics LSM6DSM Datasheet HTML 84Page - STMicroelectronics LSM6DSM Datasheet HTML 85Page - STMicroelectronics LSM6DSM Datasheet HTML 86Page - STMicroelectronics LSM6DSM Datasheet HTML 87Page - STMicroelectronics LSM6DSM Datasheet HTML 88Page - STMicroelectronics LSM6DSM Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 113 page
background image
DocID028165 Rev 2
85/113
LSM6DSM
Register description
113
10.73
TAP_CFG (58h)
Timestamp, pedometer, tilt, filtering, and tap recognition functions configuration register
(r/w).
10.74
TAP_THS_6D (59h)
Portrait/landscape position and tap function threshold register (r/w).
HI_FAIL
Fail in hard/soft-ironing algorithm.
SI_END_OP
Hard/soft-iron calculation status. Default value: 0
(0: Hard/soft-iron calculation not concluded; 1: Hard/soft-iron calculation concluded)
SENSORHUB
_END_OP
Sensor hub communication status. Default value: 0
(0: sensor hub communication not concluded;
1: sensor hub communication concluded)
Table 178. FUNC_SRC register description (continued)
Table 179. TAP_CFG register
INTERRUPTS
_ENABLE
00
SLOPE
_FDS
TAP_X_EN TAP_Y_EN TAP_Z_EN
LIR
Table 180. TAP_CFG register description
INTERRUPTS
_ENABLE
Enable basic interrupts (6D/4D, free fall, wake-up, tap). Default 0.
(0: interrupt disabled; 1: interrupt enabled)
SLOPE_FDS
Enable accelerometer HP and LPF2 filters (refer to Figure 5). Default value: 0
(0: disable; 1: enable)
TAP_X_EN
Enable X direction in tap recognition(1). Default value: 0
(0: X direction disabled; 1:X direction enabled)
1. To enable the TAP functionality for one axis or all the axes, the INTERRUPTS_ENABLE bit needs to be
set to '1'.
TAP_Y_EN
Enable Y direction in tap recognition(1). Default value: 0
(0: Y direction disabled; 1:Y direction enabled)
TAP_Z_EN
Enable Z direction in tap recognition(1). Default value: 0
(0: Z direction disabled; 1:Z direction enabled)
LIR
Latched Interrupt. Default value: 0
(0: interrupt request not latched; 1: interrupt request latched)
Table 181. TAP_THS_6D register
D4D_EN
SIXD_THS
1
SIXD_THS
0
TAP_THS
4
TAP_THS
3
TAP_THS
2
TAP_THS
1
TAP_THS
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com