Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSM Datasheet(PDF) 21 Page - STMicroelectronics

Part # LSM6DSM
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSM Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LSM6DSM Datasheet HTML 17Page - STMicroelectronics LSM6DSM Datasheet HTML 18Page - STMicroelectronics LSM6DSM Datasheet HTML 19Page - STMicroelectronics LSM6DSM Datasheet HTML 20Page - STMicroelectronics LSM6DSM Datasheet HTML 21Page - STMicroelectronics LSM6DSM Datasheet HTML 22Page - STMicroelectronics LSM6DSM Datasheet HTML 23Page - STMicroelectronics LSM6DSM Datasheet HTML 24Page - STMicroelectronics LSM6DSM Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 113 page
background image
DocID028165 Rev 2
21/113
LSM6DSM
Module specifications
113
An
Acceleration noise density
in high-performance mode(7)
FS = ±2 g
90
μg/√Hz
FS = ±4 g
90
FS = ±8 g
90
FS = ±16 g
130
RMS
Acceleration RMS noise
in normal/low-power mode(8) (9)
FS = ±2 g
1.8
mg(RMS)
FS = ±4 g
2.0
FS = ±8 g
2.4
FS = ±16 g
3.0
LA_ODR
Linear acceleration output data
rate
1.6(10)
12.5
26
52
104
208
416
833
1666
3332
6664
Hz
G_ODR Angular rate output data rate
12.5
26
52
104
208
416
833
1666
3332
6664
Vst
Linear acceleration
self-test output change(11)(12)
FS = 2 g
90
1700
mg
Angular rate
self-test output change(13)(14)
FS = 245 dps
20
80
dps
FS = 2000 dps
150
700
dps
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. Sensitivity values after factory calibration test and trimming
3. Measurements are performed in a uniform temperature setup and they are based on characterization data in a limited
number of samples. Not measured during final test for production.
4. Values after factory calibration test and trimming.
5. Gyroscope rate noise density in high-performance mode is independent of the ODR and FS setting.
6. Gyroscope RMS noise in normal/low-power mode is independent of the ODR and FS setting.
7. Accelerometer noise density in high-performance mode is independent of the ODR.
Table 3. Mechanical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com