Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSM Datasheet(PDF) 80 Page - STMicroelectronics

Part # LSM6DSM
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSM Datasheet(HTML) 80 Page - STMicroelectronics

Back Button LSM6DSM Datasheet HTML 76Page - STMicroelectronics LSM6DSM Datasheet HTML 77Page - STMicroelectronics LSM6DSM Datasheet HTML 78Page - STMicroelectronics LSM6DSM Datasheet HTML 79Page - STMicroelectronics LSM6DSM Datasheet HTML 80Page - STMicroelectronics LSM6DSM Datasheet HTML 81Page - STMicroelectronics LSM6DSM Datasheet HTML 82Page - STMicroelectronics LSM6DSM Datasheet HTML 83Page - STMicroelectronics LSM6DSM Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 113 page
background image
Register description
LSM6DSM
80/113
DocID028165 Rev 2
10.55
FIFO_STATUS3 (3Ch)
FIFO status control register (r). For a proper reading of the register, it is recommended to set
the BDU bit in CTRL3_C (12h) to 1.
Table 143. FIFO_STATUS3 register
Table 144. FIFO_STATUS3 register description
10.56
FIFO_STATUS4 (3Dh)
FIFO status control register (r). For a proper reading of the register, it is recommended to set
the BDU bit in CTRL3_C (12h) to 1.
Table 145. FIFO_STATUS4 register
Table 146. FIFO_STATUS4 register description
10.57
FIFO_DATA_OUT_L (3Eh)
FIFO data output register (r). For a proper reading of the register, it is recommended to set
the BDU bit in CTRL3_C (12h) to 1.
FIFO_
PATTERN
_7
FIFO_
PATTERN
_6
FIFO_
PATTERN
_5
FIFO_
PATTERN
_4
FIFO_
PATTERN
_3
FIFO_
PATTERN
_2
FIFO_
PATTERN
_1
FIFO_
PATTERN
_0
FIFO_
PATTERN_[7:0]
Word of recursive pattern read at the next reading.
000000
FIFO_
PATTERN_9
FIFO_
PATTERN_8
FIFO_
PATTERN_[9:8]
Word of recursive pattern read at the next reading.
Table 147. FIFO_DATA_OUT_L register
DATA_
OUT_
FIFO_L_7
DATA_
OUT_
FIFO_L_6
DATA_
OUT_
FIFO_L_5
DATA_
OUT_
FIFO_L_4
DATA_
OUT_
FIFO_L_3
DATA_
OUT_
FIFO_L_2
DATA_
OUT_
FIFO_L_1
DATA_
OUT_
FIFO_L_0
Table 148. FIFO_DATA_OUT_L register description
DATA_OUT_FIFO_L_[7:0]
FIFO data output (first byte)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com