Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSM Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM6DSM
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSM Datasheet(HTML) 1 Page - STMicroelectronics

  LSM6DSM Datasheet HTML 1Page - STMicroelectronics LSM6DSM Datasheet HTML 2Page - STMicroelectronics LSM6DSM Datasheet HTML 3Page - STMicroelectronics LSM6DSM Datasheet HTML 4Page - STMicroelectronics LSM6DSM Datasheet HTML 5Page - STMicroelectronics LSM6DSM Datasheet HTML 6Page - STMicroelectronics LSM6DSM Datasheet HTML 7Page - STMicroelectronics LSM6DSM Datasheet HTML 8Page - STMicroelectronics LSM6DSM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 113 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
February 2016
DocID028165 Rev 2
1/113
LSM6DSM
iNEMO inertial module:
always-on 3D accelerometer and 3D gyroscope
Datasheet
- preliminary data
Features
 Power consumption: 0.4 mA in combo normal mode
and 0.65 mA in combo high-performance mode
 “Always-on” experience with low power
consumption for both accelerometer and gyroscope
 Smart FIFO up to 4 kbyte based on features set
 Compliant with Android K, L, and M
 Hard, soft ironing for external magnetic sensor
corrections
 ±2/±4/±8/±16 g full scale
 ±125/±245/±500/±1000/±2000 dps full scale
 Analog supply voltage: 1.71 V to 3.6 V
 Independent IOs supply (1.62 V)
 Compact footprint, 2.5 mm x 3 mm x 0.83 mm
 SPI & I2C serial interface with main processor data
synchronization feature
 Dedicated gyroscope low-pass filters for UI and OIS
applications
 Auxiliary dedicated SPI for OIS data output
 Pedometer, step detector and step counter
 Significant motion and tilt function
 Standard interrupts: free-fall, wakeup, 6D/4D
orientation, click and double-click
 Embedded temperature sensor
 ECOPACK®, RoHS and “Green” compliant
Applications
 Motion tracking and gesture detection
 Collecting sensor data
 Indoor navigation
 IoT and connected devices
 Intelligent power saving for handheld devices
 EIS and OIS for camera applications
 Vibration monitoring and compensation
Description
The LSM6DSM is a system-in-package featuring a 3D
digital accelerometer and a 3D digital gyroscope
performing at 0.65 mA in high-performance mode and
enabling always-on low-power features for an optimal
motion experience for the consumer.
The LSM6DSM supports main OS requirements,
offering real, virtual and batch sensors with 4 kbyte for
dynamic data batching.
ST’s family of MEMS sensor modules leverages the
robust and mature manufacturing processes already
used for the production of micromachined
accelerometers and gyroscopes.
The various sensing elements are manufactured using
specialized micromachining processes, while the IC
interfaces are developed using CMOS technology that
allows the design of a dedicated circuit which is
trimmed to better match the characteristics of the
sensing element.
The LSM6DSM has a full-scale acceleration range of
±2/±4/±8/±16 g and an angular rate range of
±125/±245/±500/±1000/±2000 dps.
The LSM6DSM fully supports EIS and OIS applications
as the module includes a dedicated configurable signal
processing path for OIS and auxiliary dedicated low-
pass filtering.
High robustness to mechanical shock makes the
LSM6DSM the preferred choice of system designers for
the creation and manufacturing of reliable products.
The LSM6DSM is available in a plastic land grid array
(LGA) package.
LGA-14L
(2.5 x 3 x 0.83 mm) typ.
Table 1. Device summary
Part number
Temp.
range [°C]
Package
Packing
LSM6DSM
-40 to +85
LGA-14L
(2.5x3x0.83mm)
Tray
LSM6DSMTR
-40 to +85
Tape &
Reel
www.st.com


Similar Part No. - LSM6DSM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DSM STMICROELECTRONICS-LSM6DSM Datasheet
3Mb / 5P
SensorTile connectable sensor node: plug or solder
Rev 4 - March 2019
LSM6DSM STMICROELECTRONICS-LSM6DSM Datasheet
350Kb / 7P
SensorTile development kit
Rev 8 - March 2019
More results

Similar Description - LSM6DSM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM6DS3 STMICROELECTRONICS-LSM6DS3 Datasheet
1Mb / 100P
always-on 3D accelerometer and 3D gyroscope
03-Feb-2016
LSM6DS3H STMICROELECTRONICS-LSM6DS3H Datasheet
1Mb / 104P
always-on 3D accelerometer and 3D gyroscope
03-Feb-2016
LSM6DS3US STMICROELECTRONICS-LSM6DS3US Datasheet
1Mb / 104P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
April 2016 Rev 4
LSM6DS33 STMICROELECTRONICS-LSM6DS33 Datasheet
1Mb / 77P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2015 Rev 4
LSM6DSL STMICROELECTRONICS-LSM6DSL Datasheet
1Mb / 113P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
October 2016 Rev 5
LSM6DSR STMICROELECTRONICS-LSM6DSR Datasheet
2Mb / 168P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
Rev 2
LSM6DSO32 STMICROELECTRONICS-LSM6DSO32 Datasheet
1Mb / 153P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
13-Mar-2020
LSM6DSOX STMICROELECTRONICS-LSM6DSOX Datasheet
3Mb / 199P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DSO STMICROELECTRONICS-LSM6DSO Datasheet
2Mb / 172P
iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
25-Jan-2019
LSM6DS3TR-C STMICROELECTRONICS-LSM6DS3TR-C Datasheet
1Mb / 115P
iNEMO inertial module always-on 3D accelerometer and 3D gyroscope
03-May-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com