Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSM Datasheet(PDF) 78 Page - STMicroelectronics

Part # LSM6DSM
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSM Datasheet(HTML) 78 Page - STMicroelectronics

Back Button LSM6DSM Datasheet HTML 74Page - STMicroelectronics LSM6DSM Datasheet HTML 75Page - STMicroelectronics LSM6DSM Datasheet HTML 76Page - STMicroelectronics LSM6DSM Datasheet HTML 77Page - STMicroelectronics LSM6DSM Datasheet HTML 78Page - STMicroelectronics LSM6DSM Datasheet HTML 79Page - STMicroelectronics LSM6DSM Datasheet HTML 80Page - STMicroelectronics LSM6DSM Datasheet HTML 81Page - STMicroelectronics LSM6DSM Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 113 page
background image
Register description
LSM6DSM
78/113
DocID028165 Rev 2
10.48
SENSORHUB8_REG(35h)
Eighth byte associated to external sensors. The content of the register is consistent with the
SLAVEx_CONFIG number of read operation configurations (for external sensors from x = 0
to x = 3).
10.49
SENSORHUB9_REG (36h)
Ninth byte associated to external sensors. The content of the register is consistent with the
SLAVEx_CONFIG number of read operation configurations (for external sensors from x = 0
to x = 3).
10.50
SENSORHUB10_REG (37h)
Tenth byte associated to external sensors. The content of the register is consistent with the
SLAVEx_CONFIG number of read operation configurations (for external sensors from x = 0
to x = 3).
10.51
SENSORHUB11_REG (38h)
Eleventh byte associated to external sensors. The content of the register is consistent with
the SLAVEx_CONFIG number of read operation configurations (for external sensors from
x = 0 to x = 3).
Table 129. SENSORHUB8_REG register
SHub8_7
SHub8_6
SHub8_5
SHub8_4
SHub8_3
SHub8_2
SHub8_1
SHub8_0
Table 130. SENSORHUB8_REG register description
SHub8_[7:0] Eighth byte associated to external sensors
Table 131. SENSORHUB9_REG register
SHub9_7
SHub9_6
SHub9_5
SHub9_4
SHub9_3
SHub9_2
SHub9_1
SHub9_0
Table 132. SENSORHUB9_REG register description
SHub9_[7:0] Ninth byte associated to external sensors
Table 133. SENSORHUB10_REG register
SHub10_7 SHub10_6 SHub10_5 SHub10_4 SHub10_3 SHub10_2 SHub10_1 SHub10_0
Table 134. SENSORHUB10_REG register description
SHub10_[7:0] Tenth byte associated to external sensors
Table 135. SENSORHUB11_REG register
SHub11_7 SHub11_6 SHub11_5 SHub11_4 SHub11_3 SHub11_2 SHub11_1 SHub11_0
Table 136. SENSORHUB11_REG register description
SHub11_[7:0]
Eleventh byte associated to external sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com