Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSM Datasheet(PDF) 51 Page - STMicroelectronics

Part # LSM6DSM
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSM Datasheet(HTML) 51 Page - STMicroelectronics

Back Button LSM6DSM Datasheet HTML 47Page - STMicroelectronics LSM6DSM Datasheet HTML 48Page - STMicroelectronics LSM6DSM Datasheet HTML 49Page - STMicroelectronics LSM6DSM Datasheet HTML 50Page - STMicroelectronics LSM6DSM Datasheet HTML 51Page - STMicroelectronics LSM6DSM Datasheet HTML 52Page - STMicroelectronics LSM6DSM Datasheet HTML 53Page - STMicroelectronics LSM6DSM Datasheet HTML 54Page - STMicroelectronics LSM6DSM Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 113 page
background image
DocID028165 Rev 2
51/113
LSM6DSM
Register mapping
113
FIFO_STATUS1
r
3A
00111010
output
FIFO status registers
FIFO_STATUS2
r
3B
00111011
output
FIFO_STATUS3
r
3C
00111100
output
FIFO_STATUS4
r
3D
00111101
output
FIFO_DATA_OUT_L
r
3E
00111110
output
FIFO data output
registers
FIFO_DATA_OUT_H
r
3F
00111111
output
TIMESTAMP0_REG
r
40
01000000
output
Timestamp output
registers
TIMESTAMP1_REG
r
41
01000001
output
TIMESTAMP2_REG
r/w
42
01000010
output
RESERVED
-
43-48
-
Reserved
STEP_TIMESTAMP_L
r
49
0100 1001
output
Step counter
timestamp registers
STEP_TIMESTAMP_H
r
4A
0100 1010
output
STEP_COUNTER_L
r
4B
01001011
output
Step counter output
registers
STEP_COUNTER_H
r
4C
01001100
output
SENSORHUB13_REG
r
4D
01001101
output
Sensor hub output
registers
SENSORHUB14_REG
r
4E
01001110
output
SENSORHUB15_REG
r
4F
01001111
output
SENSORHUB16_REG
r
50
01010000
output
SENSORHUB17_REG
r
51
01010001
output
SENSORHUB18_REG
r
52
01010010
output
FUNC_SRC
r
53
01010011
output
Interrupt register
RESERVED
-
54-57
-
Reserved
TAP_CFG
r/w
58
01011000
00000000
Interrupt registers
TAP_THS_6D
r/w
59
01011001
00000000
INT_DUR2
r/w
5A
01011010
00000000
WAKE_UP_THS
r/w
5B
01011011
00000000
WAKE_UP_DUR
r/w
5C
01011100
00000000
FREE_FALL
r/w
5D
01011101
00000000
MD1_CFG
r/w
5E
01011110
00000000
MD2_CFG
r/w
5F
01011111
00000000
MASTER_CMD_CODE
r/w
60
01100000
00000000
SENS_SYNC_SPI_
ERROR_CODE
r/w
61
0110 0001
00000000
RESERVED
-
62-65
-
Reserved
Table 18. Registers address map (continued)
Name
Type
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com