Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSM Datasheet(PDF) 104 Page - STMicroelectronics

Part # LSM6DSM
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSM Datasheet(HTML) 104 Page - STMicroelectronics

Back Button LSM6DSM Datasheet HTML 100Page - STMicroelectronics LSM6DSM Datasheet HTML 101Page - STMicroelectronics LSM6DSM Datasheet HTML 102Page - STMicroelectronics LSM6DSM Datasheet HTML 103Page - STMicroelectronics LSM6DSM Datasheet HTML 104Page - STMicroelectronics LSM6DSM Datasheet HTML 105Page - STMicroelectronics LSM6DSM Datasheet HTML 106Page - STMicroelectronics LSM6DSM Datasheet HTML 107Page - STMicroelectronics LSM6DSM Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 113 page
background image
Embedded functions registers description
LSM6DSM
104/113
DocID028165 Rev 2
12.18
MAG_SI_XX (24h)
Soft-iron matrix correction register (r/w).
12.19
MAG_SI_XY (25h)
Soft-iron matrix correction register (r/w).
12.20
MAG_SI_XZ (26h)
Soft-iron matrix correction register (r/w).
12.21
MAG_SI_YX (27h)
Soft-iron matrix correction register (r/w).
Table 266. MAG_SI_XX register
MAG_SI_
XX_7
MAG_SI_
XX_6
MAG_SI_
XX_5
MAG_SI_
XX_4
MAG_SI_
XX_3
MAG_SI_
XX_2
MAG_SI_
XX_1
MAG_SI_
XX_0
Table 267. MAG_SI_XX register description
MAG_SI_XX_[7:0]
Soft-iron correction row1 col1 coefficient(1). Default value: 00001000
1. Value is expressed in sign-module format.
Table 268. MAG_SI_XY register
MAG_SI_
XY_7
MAG_SI_
XY_6
MAG_SI_
XY_5
MAG_SI_
XY_4
MAG_SI_
XY_3
MAG_SI_
XY_2
MAG_SI_
XY_1
MAG_SI_
XY_0
Table 269. MAG_SI_XY register description
MAG_SI_XY_[7:0] Soft-iron correction row1 col2 coefficient(1). Default value: 00000000
1. Value is expressed in sign-module format.
Table 270. MAG_SI_XZ register
MAG_SI_
XZ_7
MAG_SI_
XZ_6
MAG_SI_
XZ_5
MAG_SI_
XZ_4
MAG_SI_
XZ_3
MAG_SI_
XZ_2
MAG_SI_
XZ_1
MAG_SI_
XZ_0
Table 271. MAG_SI_XZ register description
MAG_SI_XZ_[7:0]
Soft-iron correction row1 col3 coefficient(1). Default value: 00000000
1. Value is expressed in sign-module format.
Table 272. MAG_SI_YX register
MAG_SI_
YX_7
MAG_SI_
YX_6
MAG_SI_
YX_5
MAG_SI_
YX_4
MAG_SI_
YX_3
MAG_SI_
YX_2
MAG_SI_
YX_1
MAG_SI_
YX_0
Table 273. MAG_SI_YX register description
MAG_SI_YX_[7:0]
Soft-iron correction row2 col1 coefficient(1). Default value: 00000000
1. Value is expressed in sign-module format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com