Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC21150ACSTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC21150ACSTRT
Description  Tiny 1.2A Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21150ACSTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC21150ACSTRT Datasheet HTML 1Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 2Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 3Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 4Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 5Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 6Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 7Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 8Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SC21150
4
Absolute Maximum Ratings
VIN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
EN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to +(VIN+0.3)
FB, FPWM (V) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +(VIN+0.3)
LX (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +(VIN+0.3)
ESD Protection Level (kV)() . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Recommended Operating Conditions
Input Voltage Range (V) . . . . . . . . . . . . . . . . . . . . . . . . 2.3 to 5.5
Output Voltage Range (V) . . . . . . . . . . . . . . . . . . . . . . . . 0.8 to 3.6
Maximum Continuous Current (A). . . . . . . . . . . . . . . . . . . . . .2
Junction Temperature Range (°C) . . . . . . . . . -40 < T
J < +25
Thermal Information
Thermal Resistance Junction to Ambient(2) (°C/W )
WLCSP package. . . . . . . . . . . . . . . . . . . . . . . . . . . . .00
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +50
Operating Junction Temperature (°C ). . . . . . . -40 to +25
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +50
Peak IR Reflow Temperature (0s to 30s) (°C) . . . . . . . +260
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
() Tested according to JEDEC standard JESD22-A4-B.
(2) Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD5 standards.
Electrical Characteristics
Unless otherwise noted VIN = 5.0V, CIN = 4.7μF, COUT = 0μF, L = 0.47μH, EN = VIN, T
J = -40 to +85°C. Typical values are at TA = 25°C.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supply
Input Supply Voltage Range
VIN
2.3
5.5
V
Shutdown Current
ISD
EN = 0V
0.
μA
Quiescent Current
IQ
Operating, No Load, Power Save Option
23
μA
Under Voltage Lock Out Threshold
UVLOrise
VIN rising edge
2.05
2.6
2.27
V
Under Voltage Lock Out Hysteresis
UVLOhyst
85
mV
Output Voltage(1)
Feedback Voltage
VFB
Adjustable Vout
0.80
V
Feedback Voltage Tolerance
VFBtol
Adjustable Vout
-2
+/- 
+2
%
Feedback Input Leakage Current
IFB
Adjustable Vout

25
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com