Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC21150ACSTRT Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC21150ACSTRT
Description  Tiny 1.2A Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21150ACSTRT Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC21150ACSTRT Datasheet HTML 5Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 6Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 7Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 8Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 9Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 10Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 11Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 12Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SC21150
9
Typical Characteristics (continued)
Power Save Operation — no load
Time (10ms/div)
VIN = 5V, VOUT = 3.3V, 0mA load, FPWM = GND
VOUT (50mV/div)
LX (5V/div)
Power Save Operation — 50mA load
Time (2µs/div)
VIN = 5V, VOUT = 3.3V, 50mA load, FPWM = GND
VOUT (50mV/div)
LX (5V/div)
FPWM Operation — no load
Time (200ns/div)
VIN = 5V, VOUT = 3.3V, 0mA load, FPWM = VIN
VOUT (50mV/div)
LX (5V/div)
FPWM Operation — 1.2A load
Time (100µs/div)
VOUT (50mV/div)
LX (5V/div)
VIN = 5V, VOUT = 3.3V, .2A load
Startup — VIN Ramp
Time (200ns/div)
VOUT (500mV/div)
LX (5V/div)
VIN = EN = 2.3V ramp, VOUT = .2V, no load
Startup - EN Control
Time (100µs/div)
VOUT (500mV/div)
LX (5V/div)
VIN = 5V, VOUT = .2V, .2A Load
EN (2V/div)
VIN (2V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com