Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC21150ACSTRT Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC21150ACSTRT
Description  Tiny 1.2A Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21150ACSTRT Datasheet(HTML) 1 Page - Semtech Corporation

  SC21150ACSTRT Datasheet HTML 1Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 2Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 3Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 4Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 5Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 6Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 7Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 8Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
POWER MANAGEMENT

SC21150
Tiny 1.2A Synchronous
Buck Regulator
Typical Application Circuit
Rev 2.0
Features
Input voltage range — 2.3V to 5.5V
.2A continuous output current
4MHz switching frequency
Adjustable Output Voltage
0.8V to VIN
% output voltage accuracy
Adaptive On-Time architecture
Up to 00% duty cycle
Up to 96% peak efficiency
Power Save mode for efficient light load operation
>90% efficiency 30mA to 75mA
μA shutdown current
23μA quiescent current
Pre-bias startup protection
Internal or optional external Soft Start
Device options (contact Semtech Marketing)
Automatic output discharge
Power Good indicator
Internal Soft Start
External Programmable Soft Start
Forced PWM Operation Input
0.75mm x .mm, 6-Bump WLCSP Package
WEEE and RoHS compliant and halogen-free
Applications
Automotive
Smart Phones
Wearable Electronics
Tablet PCs
GPS devices
Battery powered equipment
Portable devices
•
•
•
•
•
•
Description
The SC250 is an ultra high efficiency .2A DC/DC buck
regulator available in a tiny CSP package. These features
make the SC250 family perfect for small form factor
portable applications where long battery life is essential.
SC250 is an Adaptive On-Time 4MHz switching regula-
tor at full load conditions. Under light load conditions it
seamlessly transitions into Power Save Mode and reduces
switching frequency thus saving energy. High switching
frequency operation allows the use of a very small 0.47μH
inductor along with small input and output capacitors to
minimize overall circuit size. A Forced PWM input allows
continuous switching under all load conditions.
The SC250 is highly configurable with a wide range of
factory options including internal Soft Start time, fixed or
adjustable output voltage, automatic output discharge,
and a Forced PWM input.
The SC250 is offered in an ultra small WLCSP 6-Bump
0.75mm x.mm package with a bump pitch of 0.35mm.
The SC250 operating temperature range is -40C to
+85C.
2.3V-5.5V Supply
SC21150
0.47µH
1.2A
Output
EN
VIN
LX
EN
GND
FB
10µF
4.7µF
FPWM
Adjustable Output Voltage
FPWM


Similar Part No. - SC21150ACSTRT

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
SC21152 GENNUM-SC21152 Datasheet
1Mb / 18P
Adaptive On-Time architecture
logo
Semtech Corporation
SC21152 SEMTECH-SC21152 Datasheet
1Mb / 18P
Tiny 1.2A Synchronous Buck Regulator with Power Good
SC21152AULTRC SEMTECH-SC21152AULTRC Datasheet
1Mb / 18P
Tiny 1.2A Synchronous Buck Regulator with Power Good
SC21152EVB SEMTECH-SC21152EVB Datasheet
1Mb / 18P
Tiny 1.2A Synchronous Buck Regulator with Power Good
More results

Similar Description - SC21150ACSTRT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8011 INTERSIL-ISL8011 Datasheet
303Kb / 10P
1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
August 4, 2009
logo
ON Semiconductor
NCP6332 ONSEMI-NCP6332_12 Datasheet
260Kb / 14P
3MHz, 1.2A Synchronous Buck Converter
November, 2012 ??Rev. 2
NCP6332B ONSEMI-NCP6332B Datasheet
260Kb / 14P
1.2A Synchronous Buck Converter
November, 2012 ??Rev. 2
logo
Semtech Corporation
SC21152 SEMTECH-SC21152 Datasheet
1Mb / 18P
Tiny 1.2A Synchronous Buck Regulator with Power Good
logo
Intersil Corporation
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
Wide VIN 1.2A Synchronous Buck Regulator
July 1, 2016
logo
SHANGHAI BELLING CO., L...
BL8021 BELLING-BL8021_13 Datasheet
501Kb / 7P
1.2A 1.5MHz Synchronous Buck Converter
logo
Renesas Technology Corp
ISL8011 RENESAS-ISL8011 Datasheet
620Kb / 10P
1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
Wide VIN 1.2A Synchronous Buck Regulator
logo
Major-Power Technology ...
MA5005 MPOWER-MA5005 Datasheet
530Kb / 12P
1.2A 1.5MHz Synchronous Buck Converter
MA5007 MPOWER-MA5007 Datasheet
190Kb / 2P
1.2A 1.5MHz Synchronous Buck Converter
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com