Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC21150ACSTRT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC21150ACSTRT
Description  Tiny 1.2A Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21150ACSTRT Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC21150ACSTRT Datasheet HTML 2Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 3Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 4Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 5Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 6Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 7Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 8Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 9Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SC21150
6
Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Forced PWM Input(1)
FPWM Input High Threshhold
VIHfpwm
.2
V
FPWM Input Low Threshhold
VILfpwm
0.4
V
FPWM Input High Current
IIHfpwm
FPWM pin = VIN
-
μA
FPWM Input Low Current
IILfpwm
FPWM pin = 0V

μA
Notes:
() The following options can be made available:
VOUT options : fixed or adjustable versions.
Fixed voltage options are as shown in the Ordering Information Table.
Additional fixed voltages can be specified, from 0.8V to 3.6V in 50mV increments.
Soft-Start options: Fixed internal 00μs, with options for 200μs/400μs/800μs.
Output Discharge options: Automatic Discharge and No Discharge.
Frequency: The default operating frequency is 4MHz with options of 2.2MHz, 3MHz, or 6MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com