Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC21150ACSTRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC21150ACSTRT
Description  Tiny 1.2A Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21150ACSTRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC21150ACSTRT Datasheet HTML 3Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 4Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 5Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 6Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 7Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 8Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 9Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 10Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SC21150
7
Typical Characteristics
Efficiency vs. Load - 5VIN
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
Load (A)
1.0V PSAVE
1.0V FPWM
1.5V PSAVE
1.5V FPWM
2.2V PSAVE
2.2V FPWM
3.3V PSAVE
3.3V FPWM
Efficiency vs. Load - 4.2VIN
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
Load (A)
1.0V PSAVE
1.0V FPWM
1.5V PSAVE
1.5V FPWM
2.2V PSAVE
2.2V FPWM
3.3V PSAVE
3.3V FPWM
Efficiency vs. Load - 3.3VIN
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
Load (A)
1.0V PSAVE
1.0V FPWM
1.5V PSAVE
1.5V FPWM
2.2V PSAVE
2.2V FPWM
Efficiency vs. Load - 2.3VIN
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
Load (A)
1V PSAVE
1V FPWM
1.5V PSAVE
1.5V FPWM
Efficiency vs. Load - VOUT 1.0V
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
Load (A)
2.3VIN PSAVE
2.3VIN FPWM
3.3VIN PSAVE
3.3VIN FPWM
4.2VIN PSAVE
4.2VIN PFWM
5.0VIN PSAVE
5.0VIN FPWM
VIN = 5.0V, VOUT as shown, Load = 0 to .2A
VIN = 4.2V, VOUT as shown, Load = 0 to .2A
VIN = 3.3V, VOUT as shown, Load = 0 to .2A
VIN = 2.3V, VOUT as shown, Load = 0 to .2A
Efficiency vs. Load - VOUT 1.8V
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
Load (A)
3.3VIN PSAVE
3.3VIN FPWM
5VIN PSAVE
5VIN FPWM
VIN as shown, VOUT = .0V, Load = 0 to .2A
VIN as shown, VOUT = .8V, Load = 0 to .2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com