Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC21150ACSTRT Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC21150ACSTRT
Description  Tiny 1.2A Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21150ACSTRT Datasheet(HTML) 3 Page - Semtech Corporation

  SC21150ACSTRT Datasheet HTML 1Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 2Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 3Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 4Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 5Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 6Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 7Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 8Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SC21150
3
Ordering Information
Device ()(2)
Options(3)
Package
Output(3)
Soft-Start(3)
Output Discharge(3)
SC250ACSTRT
Adjustable
00μs
Automatic
0.75 x . mm 6-Bump WLCSP
SC250EVB
Evaluation Board 0.75 x . mm 6-Bump WLCSP
Notes:
() Available in tape and reel only. A reel contains 5,000 devices.
(2) Lead-free packaging only. Device is WEEE and RoHS compliant and halogen-free.
(3) For other device combinations contact Semtech Marketing for additional options.
The following options can be made available:
VOUT options : fixed or adjustable versions.
Fixed voltages can be specified, from 0.8V to 3.6V in 50mV increments.
Soft-Start options: Fixed internal 00μs, with options for 200μs/400μs/800μs.
Output Discharge options: Automatic Discharge and No Discharge.
Frequency: The default operating frequency is 4MHz with options of 2.2MHz, 3MHz, or 6MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com