Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC21150ACSTRT Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC21150ACSTRT
Description  Tiny 1.2A Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21150ACSTRT Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC21150ACSTRT Datasheet HTML 8Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 9Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 10Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 11Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 12Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 13Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 14Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 15Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
SC21150
2
Bump Descriptions - 0.75 x 1.11mm 6-bump WLCSP
Bump
Bump Name Bump Description
A
GND
Ground connection.
A2
VIN
Input Supply Voltage for the device and sense point for the input Under Voltage Lock Out.
B
LX
Switching node connection to inductor.
B2
FPWM
Forced PWM input A logic low enables the automatic Power Save feature. A logic high disables the Power
Save feature to ensure Forced PWM operation.
C
FB
Feedback input (Output Voltage sense). To adjust the output voltage, connect to the midpoint of a resistor
divider between the output voltage and GND.
C2
EN
Enable input. Connect to logic high or VIN to enable the device. Connect to logic low or GND to disable the
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com