Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC21150ACSTRT Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC21150ACSTRT
Description  Tiny 1.2A Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21150ACSTRT Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC21150ACSTRT Datasheet HTML 4Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 5Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 6Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 7Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 8Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 9Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 10Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 11Page - Semtech Corporation SC21150ACSTRT Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
SC21150
8
Typical Characteristics
Frequency vs load - 5VIN, FPWM operation
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Load (A)
1.0V FPWM
1.5V FPWM
2.2 FPWM
3.3V FPWM
Frequency vs load - 3.3VIN, FPWM operation
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Load (A)
1V FPWM
1.5V FPWM
1.8V FPWM
Frequency vs load - 2.3VIN, FPWM operation
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Load (A)
1V FPWM
1.5V FPWM
Quiescent Current vs Output Voltage
18
20
22
24
26
28
30
32
0.8
1.2
1.6
2.0
2.4
2.8
3.2
VOUT (V)
2.3Vin
3.3Vin
4.2Vin
5.0Vin
RDS
ON vs. Input Voltage
80
120
160
200
240
280
320
360
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
High-side
Low-side
VIN = 5.0V, VOUT as shown, Load = 0A to .2A, FPWM = GND
VIN = 3.3V, VOUT as shown, Load = 0A to .2A, FPWM = GND
VIN = 2.3V, VOUT as shown, Load = 0A to .2A, FPWM = GND
VIN as shown, VOUT as shown, no load, Rbot = 00kΩ, FPWM = VIN
RDS
ON vs. Temperature
70
90
110
130
150
170
190
210
230
250
270
-40 -25 -10
5
20
35
50
65
80
95 110 125
Junction Temperature (°C)
High-side
Low-side
VIN as shown, ILX = 500mA
VIN = 5.0V, ILX = 500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com