Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4541 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4541
Description  High Frequency LED Driver with Integrated Schottky and Simple Interconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4541 Datasheet(HTML) 4 Page - Semtech Corporation

  SC4541 Datasheet HTML 1Page - Semtech Corporation SC4541 Datasheet HTML 2Page - Semtech Corporation SC4541 Datasheet HTML 3Page - Semtech Corporation SC4541 Datasheet HTML 4Page - Semtech Corporation SC4541 Datasheet HTML 5Page - Semtech Corporation SC4541 Datasheet HTML 6Page - Semtech Corporation SC4541 Datasheet HTML 7Page - Semtech Corporation SC4541 Datasheet HTML 8Page - Semtech Corporation SC4541 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SC4541
4
Electrical Characteristics (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Boost Converter Characteristics (continued)
Schottky Leakage Current
I
LEAK(D)
V
OUT = 20V
4
µA
Current Sink Characteristics
LED Current Sense Voltage (V
OUT-VFB)
V
SENSE
V
OUT=18V, TA=25°C
192
200
208
mV
V
OUT=18V, TA=-40°C to 85°C
188
212
mV
OUT Pin Bias Current
I
OUTB(BIAS)
V
OUT=18V
55
µA
FB Pin Bias Current
I
FB(BIAS)
V
FB=18V
12
µA
V
OUT, VFB Common Mode Voltage
V
CM
2.9
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com