Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4541 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4541
Description  High Frequency LED Driver with Integrated Schottky and Simple Interconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4541 Datasheet(HTML) 2 Page - Semtech Corporation

  SC4541 Datasheet HTML 1Page - Semtech Corporation SC4541 Datasheet HTML 2Page - Semtech Corporation SC4541 Datasheet HTML 3Page - Semtech Corporation SC4541 Datasheet HTML 4Page - Semtech Corporation SC4541 Datasheet HTML 5Page - Semtech Corporation SC4541 Datasheet HTML 6Page - Semtech Corporation SC4541 Datasheet HTML 7Page - Semtech Corporation SC4541 Datasheet HTML 8Page - Semtech Corporation SC4541 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SC4541
2
Pin Configuration, MLPD-UT6
Ordering Information
Marking Information, MLPD-UT6
Notes:
(1) Available in tape and reel only. A reel contains 3,000 devices.
(2) Available in lead-free package only. Device isWEEE/RoHS compliant
and halogen-free.
MLPD-UT: 2 x 2(mm) 6 Lead
θ
JA = 75º C/W
Device
Package
SC4541SKTRT(1,2)
SOT23-6
SC4541ULTRT(1,2)
2 x 2 x 0.6(mm) MLPD-UT6
SC4541EVB-1
Evaluation Board, SOT23-6
SC4541EVB-2
Evaluation Board, MLPD-UT6
TOP VIEW
T
1
2
4
3
5
6
EN
FB
OUT
IN
GND
SW
Pin Configuration, SOT23-6
Marking Information, SOT23-6
SOT23, 6 Lead
θ
JA = 150º C/W
Top View
IN
1
2
3
4
5
6
GND
SW
EN
FB
OUT
FR7 = Code for SC4541
EW = Datecode
LK5A = Code for SC4541
Eyww = Datecode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com