Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4541 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC4541
Description  High Frequency LED Driver with Integrated Schottky and Simple Interconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4541 Datasheet(HTML) 5 Page - Semtech Corporation

  SC4541 Datasheet HTML 1Page - Semtech Corporation SC4541 Datasheet HTML 2Page - Semtech Corporation SC4541 Datasheet HTML 3Page - Semtech Corporation SC4541 Datasheet HTML 4Page - Semtech Corporation SC4541 Datasheet HTML 5Page - Semtech Corporation SC4541 Datasheet HTML 6Page - Semtech Corporation SC4541 Datasheet HTML 7Page - Semtech Corporation SC4541 Datasheet HTML 8Page - Semtech Corporation SC4541 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SC4541
5
Typical Characteristics
Switching Frequency
Temperature (oC)
Switch Current Limit
Temperature (oC)
Output Over Voltage Protection
Switch Leakage Current
Temperature (oC)
EN Threshold
VIN = 10V
0.0
0.4
0.8
1.2
1.6
2.0
-40
25
85
Switching Frequency(SS302R2)
1.6
1.8
2.0
2.2
2.4
-40
25
85
0
100
200
300
400
500
-40
25
85
0.0
0.4
0.8
1.2
1.6
2.0
-40
25
85
Temperature (oC)
10.0
15.0
20.0
25.0
30.0
-40
25
85
Temperature (oC)
VIN = 12V
VIN = 5V
VIN = 22V
V
SW = 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com