Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4541 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC4541
Description  High Frequency LED Driver with Integrated Schottky and Simple Interconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4541 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC4541 Datasheet HTML 9Page - Semtech Corporation SC4541 Datasheet HTML 10Page - Semtech Corporation SC4541 Datasheet HTML 11Page - Semtech Corporation SC4541 Datasheet HTML 12Page - Semtech Corporation SC4541 Datasheet HTML 13Page - Semtech Corporation SC4541 Datasheet HTML 14Page - Semtech Corporation SC4541 Datasheet HTML 15Page - Semtech Corporation SC4541 Datasheet HTML 16Page - Semtech Corporation SC4541 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
SC4541
13
Schematic (Buck)
LED9
LED10
VIN2
C5
1uF * 3pcs
LED16
LED17
U1
SC4541
IN
1
GND
2
SW
3
OUT
4
FB
5
EN
6
12V
12V
C3
OPT
C2
1uF
(1) L1: Murata LQH3NPN100MM0L
(2) C2,C5: Murata GRM188R7YA105K
L1
10uH
R1
1
R5
10K
VIN
Applications Information ( continued)
Figure 2 — Typical Application Schematic, Buck Topology
Efficiency (Buck)
12Vin, 2LED, Buck topology
60
65
70
75
80
85
0
20
40
60
80
100
120
140
160
180
200
Output Current(mA)
Schematic (Buck, High Efficiency Option)
< High Efficiency Option >
LED9
LED10
VIN2
C5
1uF * 3pcs
LED16
LED17
U1
SC4541
IN
GND
SW
OUT
FB
EN
3.3V
12V
C2
1uF
L1
10uH
R1
1
R5
10K
(2) C2, C3,C5: Murata GRM188R7YA105K
VIN
(1) L1: Murata LQH3NPN100MM0L
C3
1uF
Figure 3 — Typical Application Schematic, High Efficiency of Buck Topology
< High Efficiency Option >
12Vin, 2LED, Buck topology
60
65
70
75
80
85
90
0
20
40
60
80
100
120
140
160
180
200
Output Current(mA)
Efficiency (Buck, High Efficiency Option)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com