Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4541 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC4541
Description  High Frequency LED Driver with Integrated Schottky and Simple Interconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4541 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC4541 Datasheet HTML 10Page - Semtech Corporation SC4541 Datasheet HTML 11Page - Semtech Corporation SC4541 Datasheet HTML 12Page - Semtech Corporation SC4541 Datasheet HTML 13Page - Semtech Corporation SC4541 Datasheet HTML 14Page - Semtech Corporation SC4541 Datasheet HTML 15Page - Semtech Corporation SC4541 Datasheet HTML 16Page - Semtech Corporation SC4541 Datasheet HTML 17Page - Semtech Corporation SC4541 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
SC4541
5Vin, LEDs 6S1P
LEDs: EVERLIGHT EHP-109/UB31H-PU5/TR
LED23
LED24
LED25
C5
1uF
LED26
LED27
LED28
U1
SC4541
IN
GND
SW
OUT
FB
EN
5V
C2
1uF
L1: Murata LQH3NPN100NG0L
C1, C2, C5: Murata GRM21BR71H105K
L1
10uH
R1
10
R5
10K
VIN
C3
1uF
Applications Information ( continued)
Figure 4 — Typical Application Schematic, Floating Buck-Boost Topology
Efficiency 5Vin, LEDs 6S1P
5Vin 6S1P LED
45
50
55
60
65
70
75
0
5
10
15
20
ILED(mA)
LEDs 1S2P, 200mA
LEDs: EVERLIGHT EHP-109/UB31H-PU5/TR
LED9
C5
4.7uF
U1
SC4541
IN
GND
SW
OUT
FB
EN
6V to 22V
C2
1uF
C1, C2: Murata GRM21BR71H105K
L1: Cooper SD52-220-R
L1
22uH
R1
10
R5
10K
VIN
C3
1uF
C5: Murata GRM31CR71H475K
LED10
Figure 5 — Typical Application Schematic, Floating Buck-Boost Topology
1S2P LED, 200mA
55
57
59
61
63
65
3
6
9
12
15
18
21
24
Vin(V)
Efficiency(LEDs 1S2P, 200mA
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com