Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4541 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC4541
Description  High Frequency LED Driver with Integrated Schottky and Simple Interconnect
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4541 Datasheet(HTML) 3 Page - Semtech Corporation

  SC4541 Datasheet HTML 1Page - Semtech Corporation SC4541 Datasheet HTML 2Page - Semtech Corporation SC4541 Datasheet HTML 3Page - Semtech Corporation SC4541 Datasheet HTML 4Page - Semtech Corporation SC4541 Datasheet HTML 5Page - Semtech Corporation SC4541 Datasheet HTML 6Page - Semtech Corporation SC4541 Datasheet HTML 7Page - Semtech Corporation SC4541 Datasheet HTML 8Page - Semtech Corporation SC4541 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
SC4541
3
Absolute Maximum Ratings
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1) Tested according to JEDEC standard JESD22-A114-B.
(2) Calculated from package in still air, mounted to 3 x 4.5(in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Electrical Characteristics
V
IN =5V, CIN=1uF, COUT=1uF, L=10uH, TA= -40°C to 85°C, unless specified otherwise.
Recommended Operating Conditions
Supply IN Voltage (V) .......................... 2.9 to 22
Maximum Output Voltage (V) ....................... 25
Ambient Temperature Range (°C) ............ -40 to +85
Thermal Information
Thermal Resistance, Junction to Ambient(2)
MLPD-UT6(°C/W) ................................ 75
SOT23-6(°C/W).................................. 150
Maximum Junction Temperature (°C) ............. +125
Storage Temperature Range (°C) ........... -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) ....... +300
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
V
IN
2.9
22
V
Supply Current
I
IN(Q)
V
IN=22V, VOUT=18V, VFB=17V, EN=3V
1.5
3
mA
Shutdown Supply Current
I
IN(SHDN)
EN=0V
1
µA
EN Logic High Voltage
V
EN(H)
2
V
EN Logic Low Voltage
V
EN(L)
0.4
V
EN Logic Bias Current
I
EN(L), IEN(H)
1
µA
Boost Converter Characteristics
Switching Frequency
f
SW
1.6
2.0
2.4
MHz
Maximum Duty Cycle
D
MAX
84
%
Switch Current limit
I
LIMIT
260
350
450
mA
Switch Leakage Current
I
SW
V
SW = 18V
0.1
5
µA
Switch Saturation Voltage
V
SAT
I
SW = 0.2A
200
mV
OUT Over-Voltage Protection
V
OUT(OVP)
T
A=25°C
25.5
28.0
V
Schottky Forward Drop
V
F(D)
I
OUT = 100mA, TA=25°C
0.7
V
Supply IN Voltage(V) . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 26
SW Voltage, OUT Voltage(V) . . . . . . . . . . . . . . . . . -0.3 to 28
FB, Enable Voltage(V) ..................... -0.3 to VIN+0.3
ESD Protection Level(1)(kV) ............................ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com